Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 42Page - NXP Semiconductors A30 Datasheet HTML 43Page - NXP Semiconductors A30 Datasheet HTML 44Page - NXP Semiconductors A30 Datasheet HTML 45Page - NXP Semiconductors A30 Datasheet HTML 46Page - NXP Semiconductors A30 Datasheet HTML 47Page - NXP Semiconductors A30 Datasheet HTML 48Page - NXP Semiconductors A30 Datasheet HTML 49Page - NXP Semiconductors A30 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
GPIO2Config
1
GPIO2 Configuration, see Table 24.
GPIO2PadCtrl
4
GPIO2 Pad Control, see Table 25.
GPIO notification on authentication. Note:
Note: Notification is only allowed if GPIO1Mode is 0x02.
0x00: disabled (default)
GPIO1Notif
1
0x01: enable authentication notification
GPIO notification on authentication.
Note: Notification is only allowed if GPIO2Mode is 0x02.
0x00: disabled (default)
GPIO2Notif
1
0x01: enable authentication notification
1
ManageGPIO access condition
Bit 7-6
RFU
Bit 5-4
CommMode, see Table 14.
ManageGPIO-
AccessCondition
Bit 3-0
AccessCondition Value, see Table 17. Default 0xF.
1
ReadGPIO access condition
Bit 7-6
RFU
Bit 5-4
CommMode, see Table 14.
ReadGPIO-
AccessCondition
Bit 3-0
AccessCondition Value, see Table 17. Default 0xF.
[Applicable when GPIO1Mode = 0x04] Targeted voltage/current level
0x00: disable in rush current limit.
0x01: power downstream of 1.8 V and 100 µA
0x02: power downstream of 1.8 V and 300 µA
0x03: power downstream of 1.8 V and 500 µA
0x04: power downstream of 1.8 V and 1 mA
0x05: power downstream of 1.8 V and 2 mA
0x06: power downstream of 1.8 V and 3 mA
0x07: power downstream of 1.8 V and 5 mA
0x08: power downstream of 1.8 V and 7 mA
0x09: power downstream of 1.8 V and 10 mA
0x11: power downstream of 2 V and 100 µA
0x12: power downstream of 2 V and 300 µA
0x13: power downstream of 2 V and 500 µA
0x14: power downstream of 2 V and 1 mA
0x15: power downstream of 2 V and 2 mA
0x16: power downstream of 2 V and 3 mA
DefaultTarget
1
0x17: power downstream of 2 V and 5 mA
0x18: power downstream of 2 V and 7 mA
Table 22. SetConfiguration options list...continued
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
46 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com