Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 24Page - NXP Semiconductors A30 Datasheet HTML 25Page - NXP Semiconductors A30 Datasheet HTML 26Page - NXP Semiconductors A30 Datasheet HTML 27Page - NXP Semiconductors A30 Datasheet HTML 28Page - NXP Semiconductors A30 Datasheet HTML 29Page - NXP Semiconductors A30 Datasheet HTML 30Page - NXP Semiconductors A30 Datasheet HTML 31Page - NXP Semiconductors A30 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
6.3.6.6 Communication Modes
A30 supports three communication modes as defined in Table 14. As shown in the table, the different
communication modes are represented by two bits. This representation is used at several places in the
document.
Communication Mode
Bit
Representation
Explanation
CommMode.Plain
X0
No protection: message is transmitted in clear
CommMode.MAC
01
MAC protection for integrity and authenticity
CommMode.Full
11
Full protection for integrity, authenticity, and confidentiality
Table 14. Supported communication modes
The communication mode defines the level of security for the communication as further explained in the next
subsections.
6.3.6.7 Plain Communication Mode
The command and response data is not secured. The data is sent in plain, see Figure 8, i.e. as defined in the
command specification tables, see Section 7.
aaa-032773
PICC to PCD
ISO 7816 Data Field
PCD to PICC
CmdData
Le
00h
1
RespData
[c]
SW1
status
1
SW2
1
Command counter (CmdCtr)
incremented after validating the
command before sending the
response. CmdCtr is a 16-bit
unsigned integer.
CLA
90h CMD
CmdHeader
P1
00h
P2
00h
Lc
1
1
1
1
1
[a]
[b]
C = Value of CmdCtr at start of this sequence
Figure 8. Plain Communication Mode
However, as the PICC is in authenticated state, the command counter CmdCtr is still increased as defined in
Section 6.3.6.2.
This allows the PCD and PICC to detect any insertion and/or deletion of commands sent in CommMode.Plain
on any subsequent command that is sent in CommMode.MAC or CommMode.Full.
6.3.6.8 MAC Communication Mode
The Secure Messaging applies MAC to all commands listed as such in Section 7.2.
In the case MAC is to be applied, the following holds. The MAC is calculated using the current session key
SesAuthMACKey. MAC calculation is done as defined in Section 6.3.6.3.
For commands, the MAC is calculated over the following data (according to the definitions from Section 6.2.1) in
this order:
• Cmd
• Command Counter CmdCtr
• Transaction Identifier TI
• Command header - CmdHeader (if present)
• Command data - CmdData (if present)
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
28 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com