Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 45Page - NXP Semiconductors A30 Datasheet HTML 46Page - NXP Semiconductors A30 Datasheet HTML 47Page - NXP Semiconductors A30 Datasheet HTML 48Page - NXP Semiconductors A30 Datasheet HTML 49Page - NXP Semiconductors A30 Datasheet HTML 50Page - NXP Semiconductors A30 Datasheet HTML 51Page - NXP Semiconductors A30 Datasheet HTML 52Page - NXP Semiconductors A30 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
Authorization watchdog Timer (AWDT2) Value. The maximum time beforeA30
shall revoke current authentication status, be it from SIGMA-I or symmetric
mutual authentication.
0x00: disabled (default)
AWDT2Value
1
0x01..0x3C: 1 s-60 s
Total:
5+M3+N*3
CryptoAPI Management
1
CryptoAPI Support
Bit 7-2
RFU
AsymmetricCrypto API
’0’: disabled
Bit 1
’1’: enabled (default)
SymmetricCrypto API
’0’: disabled
Support
Bit 0
’1’: enabled (default)
1
Access condition for CryptoRequest
Bit 7-6
RFU
Bit 5-4
CommMode, see Table 14. Default CommMode.MAC.
AccessCondition
Bit 3-0
AccessCondition Value, see Table 17. Default 0x0.
1
Access condition for ChangeKey targeting CryptoRequestKey.
Bit 7-4
RFU
ChangeAC
Bit 3-0
AccessCondition Value, see Table 17. Default 0x0.
CryptoAPI Transient Buffer Policy Count (M)
TBPolicyCount
1
0x00..0x08
TBPolicy
M*3
Crypto API Transient Buffer Policy, see Section 6.12. Each 3-byte instance
consists of:
Destination (see Table 38) || Usage Policy (see Table 39) || Algorithm Policy
(see Table 40)
CryptoAPI Static Buffer Policy Count (N)
SBPolicyCount
1
0x00..0x0E
0x15
SBPolicy
N*3
CryptoAPI Static Buffer Policy, see Section 6.12. Each 3-byte instance consists
of:
Destination (see Table 38) || Usage Policy (see Table 39) || Algorithm Policy
(see Table 40)
Total: 6
AuthenticationCounter and Limit Configuration
Targeted FileType.Counter
AuthCtrFileID
1
0x00..0x1F: FileID of the targeted file
1
Authentication counter options
0x16
AuthCtrOption
Bit 7-1
RFU
Bit 0
AuthenticateEV2First (AES-based authentication)
Table 22. SetConfiguration options list...continued
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
49 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com