Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 44Page - NXP Semiconductors A30 Datasheet HTML 45Page - NXP Semiconductors A30 Datasheet HTML 46Page - NXP Semiconductors A30 Datasheet HTML 47Page - NXP Semiconductors A30 Datasheet HTML 48Page - NXP Semiconductors A30 Datasheet HTML 49Page - NXP Semiconductors A30 Datasheet HTML 50Page - NXP Semiconductors A30 Datasheet HTML 51Page - NXP Semiconductors A30 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
Bit 7-6
RFU
Bit 5-4
CommMode, see Table 14. Default ’11’.
Bit 3-0
AccessCondition Value, see Table 17. Default 0x0.
Total: 4
CertificateManagement, see Section 6.8
End Leaf certificate cache size: number of slots in end leaf cert cache. The
certificate cache is created the first time that it is enabled or on the first boot if
enabled by default. The cache sizes are ignored after the certificate cache has
been created.
LeafCacheSize
1
0x01..0x08
Intermediate certificate cache size: number of slots in end leaf cert cache. The
certificate cache is created the first time that it is enabled or on the first boot if
enabled by default. The cache sizes are ignored after the certificate cache has
been created.
IntermCacheSize 1
0x02..0x08
1
Feature Selection
Bit 7-5
RFU
HostCertificate Support
01: support full host certificates
Bit 4-3
Other: RFU
InternalCertificate Support
Bit 2-1
00: repository default (use certs as stored in the certificate repo)
EnableSIGMA-I cache
0: disabled (default)
FeatureSelection
Bit 0
1: enabled
1
ManageCertRepoCreate Option (’00’) Access Condition
Bit 7-6
RFU
Bit 5-4
CommMode, see Table 14. Default ’10’.
0x13
ManageCert
Repo- Access
Condition
Bit 3-0
AccessCondition Value, see Table 17. Default 0x0. The read and write/reset
certificate repository access conditions are set during repository creation.
Total: 3
WatchdogTimer Management, see Section 6.14
HaltWatchdog Timer (HWDT) Value. Maximum time before A30 shall enter the
hardware HALT state. The timer is started by device reset or when the device
exits the Halt state. It is reset by command reception on I2C.
0x00: disabled (default)
HWDTValue
1
0x01..0x3C: 1 s -60 s
Authorization watchdog Timer (AWDT1) Value. The maximum time before
the A30 shall abort an authentication attempt, be it via SIGMA-I or symmetric
mutual authentication.
0x14
0x00: disabled (default)
AWDT1Value
1
0x01..0x3C: 1 s-60 s
Table 22. SetConfiguration options list...continued
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
48 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com