Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 40Page - NXP Semiconductors A30 Datasheet HTML 41Page - NXP Semiconductors A30 Datasheet HTML 42Page - NXP Semiconductors A30 Datasheet HTML 43Page - NXP Semiconductors A30 Datasheet HTML 44Page - NXP Semiconductors A30 Datasheet HTML 45Page - NXP Semiconductors A30 Datasheet HTML 46Page - NXP Semiconductors A30 Datasheet HTML 47Page - NXP Semiconductors A30 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
Production-related information
UID
7
Card unique identifier as defined in Card UID. If the Random
ID is activated always 7 0x00 bytes are returned. When
switching to random ID this is only reflected after reset and
reactivation.
Batch number
3
Fabkey server batch number.
FabKeyID
2
Fabkey identifier in alphanumeric ASCII encoding
CW production
1
Calendar week of card production in BCD coding (i.e. week36
is code as 0x36).
Year of production
1
Year of card production in BCD coding (i.e. year 2012 is code
as 0x12).
Fab ID
[1]
Fab Identifier, only present if requested via Option byte.
Table 21. Manufacturer characteristics used as card version...continued
For enhanced privacy, A30 supports an option to mask the manufacturer data, i.e. Batch Number, CW
production, Year of production and FabKey (as a consequence FabKeyID will not be present). This masking of
manufacturer data can be configured with SetConfiguration Option 0x0E, see Section 6.5.1. If enabled, this is
independent of the Random ID configuration, and of whether there is an active authentication.
6.5.1.1 Command GetVersion
Reading the version of a card as defined in Section 6.5.1 is possible with the command GetVersion as defined
in Section 7.4.5.
No parameters are passed with this command.
The version data is return over three frames. As specified in Table 21, 1st Frame returns the hardware-related
information, 2nd returns the software-related information, and the 3rd and last frame returns the production-
related information.
This command does not require authentication. If there is an active authentication, the command GetVersion
requires CommMode.MAC. Information on the authentication and secure messaging-dependent structure of the
command can be found in Section 6.3.
6.5.2 Card configuration
6.5.2.1 Command SetConfiguration
SetConfiguration is updating configuration settings. Its specifications can be found in SetConfiguration. The
command consists of an option byte and a data field with a size depending on the option.
In the below table, “No change” references are used with configurations that are persistent. This means that the
associated configuration is left as it is already in the card and its value is not changed.
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
44 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com