Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 31Page - NXP Semiconductors A30 Datasheet HTML 32Page - NXP Semiconductors A30 Datasheet HTML 33Page - NXP Semiconductors A30 Datasheet HTML 34Page - NXP Semiconductors A30 Datasheet HTML 35Page - NXP Semiconductors A30 Datasheet HTML 36Page - NXP Semiconductors A30 Datasheet HTML 37Page - NXP Semiconductors A30 Datasheet HTML 38Page - NXP Semiconductors A30 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
PICCData = E(SDMMetaReadKey; PICCDataTag [ || UID ] [ || SDMReadCtr ] || RandomPadding) with
PICCDataTag as defined in Section 6.3.8.3, and RandomPadding being a random byte string generated by the
PICC to make the input 16 bytes long. Because of the ASCII encoding, the required placeholder length doubles.
6.3.8.5 GPIOStatus
When one of the GPIO pins is configured for input, see Section 6.13, or tag tamper detection, see Tag Tamper
Protection, with SetConfiguration 0x11, see Section 6.3.8.5, it is possible to mirror the statuses within the NDEF
file.
The GPIO statuses are encoded on a 3-byte string, identical as the ReadGPIO response, see Section 6.10.2.3
and especially Table 254.
They can be mirrored in plain or encrypted. For the latter, GPIOStatus needs to be positioned within the place-
holder for the plain data that serves as input for SDMENCFileData, see Section 6.3.8.6. In this case, the static
file data is replaced by the dynamic statuses before applying the encryption. Note however, that either all status
bytes are plain, or all are encrypted.
As the status bytes are already ASCII encoded, no ASCII encoding must be applied on top, and only a 3-byte
placeholder is required. Where the status is mirrored within the file, is configured with ChangeFileSettings, see
Section 6.10.2.3 via GPIOStatus. The restrictions on this offset shall be that it may not be overlapped with any
PICCData mirrored or with the SDMMAC.
If the GPIOStatus is mirrored within the file, the mirroring shall always be applied in VCState.NotAuthenticated,
independently of whether Secure Dynamic Messaging applies. This means it will also be applied if
reading the file with free access due to FileAR.Read or FileAR.ReadWrite. If authenticated, i.e. in
VCState.AuthenticatedAES or VCState.AuthenticatedECC, no mirroring is done, i.e. the regular secure
messaging is always applied on the static file data.
6.3.8.6 SDMENCFileData
SDM for Reading supports mirroring (part of the) file data encrypted. This part is called the SDMENCFileData.
If the SDMFileRead access right is configured for an application key, part of the file data can optionally be
encrypted as defined in Section 6.3.8.7 when being read out in not authenticated state.
In this case, the input plaintext for the encryption is always in binary encoding, while the output ciphertext is
ASCII encoded.
If authenticated, no Secure Dynamic Messaging is applied, i.e. the regular secure messaging is always applied
on the static file data.
The SDMENCFileData (if any) is always mirrored within the file. This is configured with ChangeFileSettings,
see Section 7.8.7 via SDMENCOffset and SDMENCLength. If the SDMFileRead access right is disabling
Secure Dynamic Messaging for reading (i.e. set to 0xF), SDMENCOffset and SDMENCLength are not present
in ChangeFileSettings.
If PICCData is mirrored within the file, SDMENCFileData shall not overlap with it. Depending on what is exactly
mirrored, the following holds:
• SDMENCOffset ≥ PICCDataOffset + PICCDataLength OR PICCDataOffset ≥ SDMENCOffset +
SDMENCLength.
• SDMENCOffset ≥ UIDOffset + UIDLength OR UIDOffset ≥ SDMENCOffset + SDMENCLength.
• SDMENCOffset ≥ SDMReadCtrOffset + SDMReadCtrLength OR SDMReadCtrOffset ≥ SDMENCOffset +
SDMENCLength.
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
35 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com