Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 84Page - NXP Semiconductors A30 Datasheet HTML 85Page - NXP Semiconductors A30 Datasheet HTML 86Page - NXP Semiconductors A30 Datasheet HTML 87Page - NXP Semiconductors A30 Datasheet HTML 88Page - NXP Semiconductors A30 Datasheet HTML 89Page - NXP Semiconductors A30 Datasheet HTML 90Page - NXP Semiconductors A30 Datasheet HTML 91Page - NXP Semiconductors A30 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
The subject contains a subset of GetVersion: VendorID || HWMajorVersion || HWMinorVersion || SWType ||
SWSubType || SWMajorVersion || SWMinorVersion. This is encoded in a description (OID 2.5.4.13)[29], using
hexadecimal ASCII encoding.
6.16.1.3 Card-unilateral authentication
The authentication supported by Priv.Orig is outlined in Section 6.3.3.
6.16.2 Application Key Pair and Certificate
At application-level, in the default configuration, A30 is trust-provisioned during manufacturing with an App-
level key pair (Priv.App, Pub.App) and related certificate Cert.App. This can be used to authenticate individual
devices for executing App-level functionality.
6.16.2.1 Application Key Pair
The application key pair (Priv.App, Pub.App) is a unique key pair per die from which the Priv.App is stored as
ECCPrivateKey KeyNo 0x00 within the application, holding with following default configuration:
• NIST P-256
• KeyPolicy: 0x0004, only allowing SIGMA-I Mutual Authentication. Note that by default both Prover and Verifier
mode are enabled. For privacy (non-traceability), only Prover may be preferred, with requires configuration
per interface (I2C) via SetConfiguration Option 0x0F/0x10.
• WriteAccess: 0x30, allowing replacement with ManageKeyPair after an authentication granting AppMasterKey
access rights in CommMode.Full.
• KUCLimit: disabled.
For KeyPolicy and WriteAccess encoding, refer also to ManageKeyPair API definition.
Pub.App is trusted via the certificate Cert.App, as specified in the next subsection.
6.16.2.2 Application Certificate
The Cert.App is stored as an uncompressed end-leaf certificate without parent certificates within a certificate
repository, seeSection 6.8.1, with id 0x00, with following default configuration:
• Associated with the ECCPrivateKey with KeyNo 0x00.
• Repository size: [TBD]
• WriteAccess: 0x30, allowing ManageCertRepo after an authentication granting AppMasterKey access rights in
CommMode.Full.
• ReadAccess: 0x30, allowing ReadCertRepo after an authentication granting AppMasterKey access rights in
CommMode.Full. Note that typically the certificate is only to be retrieved via the SIGMA-I authentication itself.
Though if needed this configuration can be changed, requiring the certificate to be re-loaded.
• No mapping table, this means the certificate is stored as a plain X.509 certificate without any PKCS#7
wrapping.
The certificate repository is already activated and thus ready for use with the SIGMA-I authentication.
The Cert.App is signed by NXP Trust Provisioning using a dedicated key pair. The CA key pair can be retrieved
from https://www.gp-ca.nxp.com/CA/getCA?caid=63709320101003 filling in the CAID with the serialNumber
encoded in the issuer name.
The Cert.App is a public-key certificate according to X.509 v3 format [11]. It has the same structure as the
Cert.Orig defined in subsection 17.1.2 with the following content.
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
88 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com