Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 7Page - NXP Semiconductors A30 Datasheet HTML 8Page - NXP Semiconductors A30 Datasheet HTML 9Page - NXP Semiconductors A30 Datasheet HTML 10Page - NXP Semiconductors A30 Datasheet HTML 11Page - NXP Semiconductors A30 Datasheet HTML 12Page - NXP Semiconductors A30 Datasheet HTML 13Page - NXP Semiconductors A30 Datasheet HTML 14Page - NXP Semiconductors A30 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
opened it. The other I/O interface has no current authentication session. The current session shall be closed if
any of the following occur:
• a new mutual authentication is initiated (on either interface)
• the NTAG application is selected (on either interface)
• the key used to open the session is changed (for symmetric mutual authentication)
• the device enters HALT state
• the device is reset
• the OS processes an erroneous command on the interface, which opened the authentication session
The fundamental states as listed below are introduced in Figure 6.
• VCState.NotAuthenticated: This is the default state where there is no active authentication. The AuthKey is
invalidated in this state. This state is reached after POR and activation.
• VCState.PartiallyAuthenticated: In this state, an authentication is ongoing. The A30 is expecting the second
part. This means that any previous active authentication has already been lost.
• VCState.AuthenticatedAES: there is an active authentication reached by successfully executing the symmetric
authentication protocol initiated with AuthenticateEV2First or AuthenticateEV2NonFirst. EV2 Secure
Messaging, as defined in Section 6.3.6, is active. The targeted key of the last authentication is remembered
as an AuthKey. Depending on these key access rights to subsequent commands may be granted or not.
• VCState.AuthenticatedECC: there is an active authentication reached by successfully executing the
asymmetric mutual authentication protocol initiated with the ISOGeneralAuthenticate (CLA 0x00, INS
0x86, targeting a Sigma-I protocol). Also here, symmetric AES-based EV2 Secure Messaging, as defined
in Section 6.3.6, is active. Access rights in this state depend on the targeted CARootKey and/or reader
certificates presented during the authentication, see Section 6.4.2 and Section 6.4.3.
The transitions to and from those states are related to the secure messaging specification.
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
11 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com