Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 35Page - NXP Semiconductors A30 Datasheet HTML 36Page - NXP Semiconductors A30 Datasheet HTML 37Page - NXP Semiconductors A30 Datasheet HTML 38Page - NXP Semiconductors A30 Datasheet HTML 39Page - NXP Semiconductors A30 Datasheet HTML 40Page - NXP Semiconductors A30 Datasheet HTML 41Page - NXP Semiconductors A30 Datasheet HTML 42Page - NXP Semiconductors A30 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
KeyType.AES256
First, the input session vectors SVxy are derived as follows:
SV 1a = 0xC3||0x3C||0x00||0x01||0x01||0x00||V CUID||SDMReadCtr[||ZeroPadding]
SV 1b = 0xC3||0x3C||0x00||0x02||0x01||0x00||V CUID||SDMReadCtr[||ZeroPadding]
SV 2a = 0x3C||0xC3||0x00||0x01||0x01||0x00[||V CUID][||SDMReadCtr][||ZeroPadding]
SV 2b = 0x3C||0xC3||0x00||0x02||0x01||0x00[||V CUID][||SDMReadCtr][||ZeroPadding]
Padding with zeros is done up to a multiple of 16 bytes. So in the case of 7-byte UID and both elements are
mirrored, no padding is added. Then, the 32-byte session keys are constructed as follows:
SesSDMFileReadENCKey = MAC(SDMFileReadKey; SV1a) || MAC(SDMFileReadKey; SV1b)
SesSDMFileReadMACKey = MAC(SDMFileReadKey; SV2a) || MAC(SDMFileReadKey; SV2b)
6.3.8.13 Output Mapping Examples
The following figure shows an example with the static file content and how it will be read.
MAC(SesSDMFileReadMACKey, www.nxp.com/index.html?p= || 04E134FE9D7CD3x000001
|| &c= | | E(S esSDMFileReadENCKey, 20h, 21h, 22h, ... 2Dh, 2Eh, 2Fh) || &m= )
aaa-053119
E(SesSDMFileReadENCKey,
20h, 21h, 22h, ... 2Dh, 2Eh, 2Fh)
04E134FE9
D7CD3
`'&m=''
NLen
SDMMACInputOffset
Encrypted File Data
(ASCII encoded)
41h, 42h, ... 4Fh
Plain File Data
(typically not read out)
Plain UID
(ASCII)
Computed MAC
(ASCII encoded)
Plain File Data
`'http://www.nxp.com/index.html?p=''
Plain File Data
&c=''
Plain File
Data
x' '
Plain
File
Data
000001''
Plain File
SDMReadCtr
(ASCII)
Nlen =
SDMMAC
Offset + 16
SDMENCOffset
Dynamic File Output
SDMMACOffset
UIDOffset
SDMENCOffset
+
SDMENCLength
SDMRead-
CtrOffset
+ 6
UID-
Offset
+ 14
SDMRead-
CtrOffset
SDMMACOffset
+ 16
MACt
`'&m=''
SDMMACInputOffset
41h, 42h, ... 4Fh
Plain File Data
Placeholder
data
Placeholder data
Plain File Data
20h, 21h, ... 2Fh
Plain File Data
`'http://www.nxp.com/index.html?p=''
Plain File Data
&c=''
Plain File
Data
x' '
Plain
File
Data
XXh .. XXh
XXh .. XXh
Placeholder
data
XXh .. XXh
Placeholder
data
Nlen =
SDMMAC
Offset + 16
SDMENCOffset
Static File Output
SDMMACOffset
FileLength
FileLength
UIDOffset
SDMENCOffset
+
SDMENCLength
SDMRead-
CtrOffset
+ 6
SDMENCOffset
+
SDMENCLength/2
UID-
Offset
+ 14
SDMRead-
CtrOffset
SDMMACOffset
+ 16
XXh, XXh, XXh, .. XXh
Figure 11. Secure Dynamic Messaging for Reading example
6.4 Access Rights Management
A30 manages its access rights through access conditions. This is explained in Section 6.4.1. How access rights
can be granted through certificates presented during asymmetric authentication is explained in Section 6.4.3.
6.4.1 Access conditions
For file access, the conditions for the file access rights are associated with the file, as explained in
Section 6.10.2. For other commands, the access conditions are either fixed or configurable via other means.
Nevertheless, the interpretation of access conditions and their representation in the command API is always the
same. There are three kinds of access conditions:
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
39 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com