Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 17Page - NXP Semiconductors A30 Datasheet HTML 18Page - NXP Semiconductors A30 Datasheet HTML 19Page - NXP Semiconductors A30 Datasheet HTML 20Page - NXP Semiconductors A30 Datasheet HTML 21Page - NXP Semiconductors A30 Datasheet HTML 22Page - NXP Semiconductors A30 Datasheet HTML 23Page - NXP Semiconductors A30 Datasheet HTML 24Page - NXP Semiconductors A30 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
A30 supports ISOInternalAuthenticate at the PICC level by default for originality checking with the
Section 6.16.1.1 at KeyNo 0x01. The command can be disabled for privacy purposes through SetConfiguration
Option 0x0E. At the application level, it depends on the key policy configured during key creation or update,
whether the protocol is supported for a specific key.
Certificates related to the unilateral authentication can either be stored in a certificate repository or in
FileType.StandardData files.
The parameter OptsA is optional. As it may be used for potential future extensions, the current implementation
accepts and ignores it, including TLV-structures with a bigger length. If present, OptsA is included in the
signature calculation to allow protection against future protocol downgrade attacks. Future implementations may
then also return an OptsB with Tag 0x80.
Upon reception of the command, the PICC generates an own 16-byte random number RndB and creates the
signature as follows:
Sig.B
= ECDSASign(Priv.B, 0xF0F0[||OptsA]||RndB||RndA)
For OptsA the full TLV-structure is included, while for RndA and RndB only the 16-byte random values are
included.
6.3.3.4 Authentication overview
The ECC-based card-unilateral authentication supported by A30 is based on the two-pass unilateral
authentication as standardized in ISO/IEC 9798-3 [19] with the following modifications:
• Identities are not communicated or included in the protocol:
– the identity of the card may be extracted from the corresponding certificate.
– there is no requirement for knowledge and confirmation of the reader identity by the card. Note that reader’s
random sufficiently ensures uniqueness and timeliness, and therefore prevents the returned token to be
accepted by other parties.
• The references A and B are exchanged to be more aligned with other protocols in this document.
An overview of this asymmetric card-unilateral authentication is given in Table 12.
The inclusion of a random number generated by the card prevents the reader from having full control on the
data that gets “signed” by the card. This is different from a generic ECDSA signature generation as supported
with CryptoRequest.
PCD
PICC
Knows:Pub.B
The PCD generates a random challenge RndA
Knows:Priv.B
OptsA || RndA
→
The PICC generates a random RndB: The PICC computes
its signature:
Sig.B = ECDSASign(Priv.B,0xF0F0[||OptsA]||RndB||RndA)
RndB || Sig.B
←
The PCD validates the signature:
ECDSAVerify(Pub.B, 0xF0F0[||OptsA]||RndB||RndA, Sig.B)
Table 12. ECC-basedcard-unilateral authentication
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
21 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com