Electronic Components Datasheet Search
  English  ▼

X  

A30 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # A30
Description  Secure Authenticator
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A30 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button A30 Datasheet HTML 9Page - NXP Semiconductors A30 Datasheet HTML 10Page - NXP Semiconductors A30 Datasheet HTML 11Page - NXP Semiconductors A30 Datasheet HTML 12Page - NXP Semiconductors A30 Datasheet HTML 13Page - NXP Semiconductors A30 Datasheet HTML 14Page - NXP Semiconductors A30 Datasheet HTML 15Page - NXP Semiconductors A30 Datasheet HTML 16Page - NXP Semiconductors A30 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 209 page
background image
NXP Semiconductors
A30
Secure Authenticator
6.3.2 SIGMA-I authentication with ISOGeneralAuthenticate
The A30 supports an asymmetric based authentication protocol. Asymmetric protocol exchanges are made
via the ISOGeneralAuthenticate command outlined in Section 7.3.1. Sending the ISOGeneralAuthenticate
command to initiate a SIGMA-I mutual authentication resets any ongoing mutual authentication exchange
or already established secure channel session. The NTAG application must be selected before asymmetric
protocol execution can commence.
The Sigma-I protocol consists of an exchange of three messages between the Initiator (or SIGMA-I Verifier) and
the Responder (or SIGMA-I Prover). In addition, if the certificates required are not found in the certificate cache
(or if caching is not supported) then certificate request and reply messages are exchanged.
The SIGMA-I protocol can be executed with the host as the initiator (or SIGMA-I Verifier) or the A30 as the
initiator (with host as SIGMA-I Prover). The data format shall remain consistent no matter which role the A30
plays.
If SIGMA-I Prover is used as the session protocol, then the host acts as the protocol responder. However, in this
case, the host still needs to send the first command, initiating the message exchange.
The access rights granted to the host are by default the rights associated with the CA root public key used
to validate the host’s certificate chain. However, these rights can be reduced by the certificate issuer via
a proprietary x.509 certificate extension. A certificate shall never have more access rights than its parent
certificate.
6.3.2.1 Session keys
As part of the protocol, both sides generate shared session keys and IV (nonce value) as follows (see
Section 6.3.2.5 for session key generation details):
Item
Description
K_e1
Encryption/Decryption key for message exchange
K_m1
MAC key used to generate input for session signature
IV_e1
AES CCM NONCE incremented for each message
Table 6. SIGMA-I Session Keys
6.3.2.2 Message types
Each SIGMA -I message has a TLV structure, where the tag indicates the type of message, and the value
component is the payload. The message payload may be in plaintext, encrypted using AES-CCM, or a mixture
of both, depending on the TLV tag.
The following table lists the message types, corresponding tags, and session keys to be used for encryption/
decryption.
Message
TLV
Tag
Description
Payload
MSGI_PUBLIC_KEY
A0
Initiator sends its supported AES key
sizes and its ephemeral public key
Protocol Options byte and Ephemeral
ECDH public key (xP) in plaintext
MSGI_HASH_AND_SIG
A1
Initiator sends certificate hash (or full
certificate) and signature
Cert hash (or full certificate) and signature
encrypted with <K_e1, IV_e1>
MSGI_CERT_REQUEST
A2
Initiator requests a certificate from
responder
Cert request message
encrypted with <K_e1, IV_e1>
Table 7. SIGMA-I Message Types
A30
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 27 January 2025
Document feedback
976730
13 / 209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com