Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 2Page - Qorvo, Inc ACT4921 Datasheet HTML 3Page - Qorvo, Inc ACT4921 Datasheet HTML 4Page - Qorvo, Inc ACT4921 Datasheet HTML 5Page - Qorvo, Inc ACT4921 Datasheet HTML 6Page - Qorvo, Inc ACT4921 Datasheet HTML 7Page - Qorvo, Inc ACT4921 Datasheet HTML 8Page - Qorvo, Inc ACT4921 Datasheet HTML 9Page - Qorvo, Inc ACT4921 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
6 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
FB, SS, ISET, REF, SDA, SCL, EN, BSET, nIRQ, VINS, PLI, PG_STR, PG_VO, ENB to AGND.
-0.3 to 6
V
VIN to AGND
-0.3 to 8
V
VOUT to PGND
-0.3 to 6
V
HSB to SW
-0.3 to 6
V
SW to PGND
-0.3 to STR+1
V
STR, DISCHG to PGND
-0.3 to 30
V
AGND to PGND
-0.3 to + 0.3
V
DISCHG
500
mA
ESD Rating (human body model), all pins
2
kV
Junction to Ambient Thermal Resistance, dependent on board layout (note 1)
27
°C/W
Operating Ambient Temperature Range (TA)
-40 to 105
°C
Operating Junction Temperature (TJ), (note 2)
-40 to 125
°C
Storage Temperature
-40 to 150
°C
Lead Temperature (Soldering 10s)
300
°C
Note 1: Measured on Qorvo Evaluation Kit
Note 2: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com