Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 22Page - Qorvo, Inc ACT4921 Datasheet HTML 23Page - Qorvo, Inc ACT4921 Datasheet HTML 24Page - Qorvo, Inc ACT4921 Datasheet HTML 25Page - Qorvo, Inc ACT4921 Datasheet HTML 26Page - Qorvo, Inc ACT4921 Datasheet HTML 27Page - Qorvo, Inc ACT4921 Datasheet HTML 28Page - Qorvo, Inc ACT4921 Datasheet HTML 29Page - Qorvo, Inc ACT4921 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
26 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Table 6: Boost Peak Current Settings
BST_CLIM[1:0]
(mA)
00
250
01
500
10
950
11
1500
Operating Mode
The boost converter operates in peak current mode,
non-fixed frequency mode. The power FET stays on
until its current reaches programmed peak current. It
then turns off until the inductor current drops to 0A, at
which time it turns on again.
Storage Capacitor Voltage Setting
The buck converter output voltage is set by either the
I2C register BSTVSET[4:0], or a combination the
register and a resistor placed between the BSET pin to
VSS.
When using only the BSTVSET[4:0] leave the BSET pin
floating. Table 6 shows the programmed storage voltage.
The default value is determined by the IC’s specific CMI
option. Note that the IC accepts BSTVSET values
between 11000 and 11111 and each of these values
sets the boost voltage to 28V.
Table 7: Storage Capacitor Voltage Settings with
BSET Pin Open
BSTVSET[3:0]
BSTVSET[4]
0
1
0000
5V
21V
0001
5.6V
22V
0010
7V
23V
0011
8V
24V
0100
9V
25V
0101
10V
26V
0110
11V
27V
0111
12V
28V
1000
13V
28V
1001
14V
28V
1010
15V
28V
1011
16V
28V
1100
17V
28V
1101
18V
28V
1110
19V
28V
1111
20V
28V
Using both the BSTVSET[4:0] register and an external
resistor provides additional output voltage resolution. In
this configuration, the following equation calculates the
output voltage.
-
'
7 8
' 8
60 9:
(9)
Where VBSTVSET is the voltage set by the BSTVSET
register in Table 6 and RBSET is the resistor on the BSET
pin in ohms.
As an example, to set the storage voltage to 12.8V
when the default BSTVSET[4:0] = 10111, first look up
the storage voltage when the BSET pin is open per table
7. This sets VBSTVSET = 28V. Using equation 8, setting
RBSET = 27.4kΩ sets VSTR = 12.8V. Note that RBSET
should be set between 20kΩ and 60kΩ. Setting RBSET
below 20kΩ gives the same result as using a 20kΩ
resistor. Setting RBSET above 60kΩ gives the same
result as using a 60kΩ resistor. Using RBSET outside the
range is acceptable and does not damage the IC.
Input Capacitor Selection
There are no special considerations for the boost
converter input capacitor. The IC topology uses the
buck converter output capacitor for the boost input
capacitor. Proper selection of the buck converter output
capacitor automatically results in an acceptable boost
converter input capacitor.
Output Inductor Selection
There are no special considerations for the boost
converter inductor. The IC topology uses the buck
converter inductor for the boost converter inductor.
Proper selection of the buck converter output capacitor
automatically results in an acceptable boost converter
input capacitor.
Output Capacitor Selection
The IC topology uses the buck converter input capacitor
for the boost converter output capacitor. Note that the
storage capacitors are also included in the boost
converter output capacitors. Proper selection of the
buck converter input capacitor typically results in an
acceptable boost converter output capacitor. The boost
output capacitor has two criteria. The first is that it must
consist of at least 10µF of high quality X5R or X7R
ceramic capacitance placed directly between the STR
pin and PGND. The second criteria is that the sum of
the ceramic capacitor and storage capacitors must be
greater than 100µF. There is no requirement for the
additional capacitance dielectric material. This provides
flexibility for the storage capacitors, which allows the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com