Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 12Page - Qorvo, Inc ACT4921 Datasheet HTML 13Page - Qorvo, Inc ACT4921 Datasheet HTML 14Page - Qorvo, Inc ACT4921 Datasheet HTML 15Page - Qorvo, Inc ACT4921 Datasheet HTML 16Page - Qorvo, Inc ACT4921 Datasheet HTML 17Page - Qorvo, Inc ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
16 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
SUPPLEMENT State
The IC enters SUPPLEMENT state when it detects a
fault condition. It opens the eFuse to bi-directionally
disconnect the input from the output. It automatically
turn on the buck converter to power the output from the
storage capacitors. The following five conditions move
the IC into SUPPLEMENT state.
1.
VINS voltage below UV threshold
2.
VINS voltage above the OV threshold
3.
Input voltage above the OV threshold
4.
eFuse current above the OC threshold
5.
VIN – VOUT > 300mV
SUPPLEMENT-DISABLE State
In the SUPPLEMENT-DISABLE state, VOUT is good
and can power the system, but the IC cannot transition
to the SUPPLEMENT state. While in this state, the open
drain output PG_STR status at LOW.
In typical startup sequence, when the ACT4921 exits
the SOFTSTART state, it transitions though the
NORMAL state directly to SUPPLEMENT-DISABLE
state. While IC is in SUPPLEMENT-DISABLE state, the
blocking FET gets turned on by the ENB pin or the
EN_BFET bit in register 0x06h. The blocking FET
sources 300mA constant current to charge the storage
caps to VIN. Then the boost converter turns on to
charge the storage caps to their final voltage. When the
storage capacitor is fully charged, the ACT4921 exits
SUPPLEMENT-DISABLE state and moves to NORMAL
state. The transition of PG_STR pin from low to high
indicates that the IC transitioned to the NORMAL state.
The ACT4921 checks the following conditions to make
sure the operating conditions and external components
are within speck and working properly so the IC is
capable of entering SUPPLEMENT state to provide
backup power. If the IC Is operating in the NORMAL
state and one of the following becomes invalid, the IC
notifies the system by pulling nIRQ low and then enters
the SUPPLEMENT-DISABLE state.
1.
VOUT-VB < 200mV
2.
Die temperature <145°C
3.
LDO (REF) is valid
4.
Bootstrap capacitor at HSB pin properly
connected
5.
The buck compensation is present and not
shorted.
SHUTDOWN State
SHUTDOWN disables all IC functionality to protect
against extreme over temperature conditions above
155°C. This includes shutting off the eFuse. I2C
functionality not available in this state. The IC transitions
to SOFT-START when the junction temperature drops
and there is no overcurrent fault.
The following figures and tables help describe the
ACT4921 states and functionality in different situations.
Figure 3 shows the ACT4921 State Diagram. Table 1
shows which functions are enabled in each state. Table
2 shows how different operating conditions and faults
affect different IC functionality. Note that the current
operating state can be determined by reading the I2C
register bits CURRENT_STATE in register 0x00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com