Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 5 Page - Qorvo, Inc

  ACT4921 Datasheet HTML 1Page - Qorvo, Inc ACT4921 Datasheet HTML 2Page - Qorvo, Inc ACT4921 Datasheet HTML 3Page - Qorvo, Inc ACT4921 Datasheet HTML 4Page - Qorvo, Inc ACT4921 Datasheet HTML 5Page - Qorvo, Inc ACT4921 Datasheet HTML 6Page - Qorvo, Inc ACT4921 Datasheet HTML 7Page - Qorvo, Inc ACT4921 Datasheet HTML 8Page - Qorvo, Inc ACT4921 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
5 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
HSB
High Side Bias, Boot-strap pin. This provides power to the internal high-side MOSFET gate driver
circuitry. Connect a 47nF capacitor from HSB pin to SW pin
2
STR
Storage Capacitor Input. Connect the storage capacitors to STR. STR requires a minimum capacitor
of 100µF to PGND.
3
PG_STR
Power Good Indicator Open-Drain Output for storage capacitor. Storage capacitor voltage is good
when high, and pulls low when the storage voltage falls below 95% of the nominal voltage setting or
when Buck and Boost circuits are disabled. This pin is referenced to AGND
4
PLI
Power Loss Indicator Open-Drain Output for VIN. PLI goes high when the eFuse is turned on and
goes low when the IC enters supplement mode. PLI is referenced to AGND.
5
PG_VO
Power Good indicator Open-Drain for Vout. PG_VO goes high when the eFuse is fully turned on, and
pulls low when the FB voltage falls below 95% of VFB_REF in supplement mode. PG_VO is referenced
to AGND
6
FB
Output Voltage Feedback. Kelvin connect FB to the output capacitor.
7
COMP
Compensation input pin for the buck converter.
8
REF
Internal Bias Voltage Output. Connect a 1µF capacitor between REF and AGND.
9,10,29
PGND
Power Ground. Connect to large ground plane on PCB
11
SCL
I2C Clock Input. Needs an external pull up resistor.
12
SDA
I2C Data Input and Output. Needs an external pull up resistor.
13
nIRQ
Interrupt Open-Drain Output. nIRQ goes low to indicate a fault condition. nIRQ is referenced to AGND.
14
ENB
Boost circuit & blocking FET enable signal. Pulled high internally. When it is pulled to AGND, Boost
and Buck circuit is disabled, and blocking FET is OFF.
15,16
AGND
Analog Ground. Kelvin connect AGND to the PGND plane.
17
EN
Enable Input. This is a digital enable signal for the IC. Pulled high internally. When high, the eFuse
turn on. When it is pulled to AGND, eFuse turns off, the IC goes into supplement mode, and stays in
HIZ mode after supplement mode ends.
18
SS
Soft Start Input. Place a capacitor from SS to VSS to control the eFuse startup voltage slew rate.
19
BSET
Sets the storage capacitor’s boosted output voltage. Place a resistor from BSET to AGND to set the
desired voltage.
20
ISET
Input Current Limit pin. Connect a resistor from ISET to AGND to set the current limit. ISET can also
be monitored to measure the eFuse current.
21
VINS
Input Voltage Sense for Under Voltage and Over Voltage faults. A dual comparator on VINS
measures the input voltage to determine if it is under, voltage, over voltage, or within normal operating
limits. Connect a resistive voltage divider to VINS to set the UV and OV limits. The UV threshold is
0.64V. The OV threshold is set by the IC’s specific CMI. VINS is referenced to AGND
22,23,24
VIN
Power Supply Input. Input to the eFuse. Connect a 0.1µF capacitor between VIN and PGND as close
to the IC as possible.
25,26,27,35
VOUT
Output for by-pass mode, in-rush, and eFuse functionality. Connect VOUT to the system load.
28,34
VB
Buck circuit output and Boost circuit input pin. It is isolated from VOUT with the internal blocking FET.
Place the inductor between VB and SW.
30
DISCH
Storage Cap Discharge pin. Connect a resistor between DISCHG and STR to quickly discharge the
storage caps whenever device enters the POR/UV state or when user forces STR to discharge by
setting the DISCHG_STR[ ] bit.
31,32,33
SW
Switching Pin. This is the boost converter switch node and the buck converter switch node. Connect
the inductor to SW.
Exposed Pad
PGND
Power Ground. Connect to large ground plane on PCB with thermal vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com