Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 6Page - Qorvo, Inc ACT4921 Datasheet HTML 7Page - Qorvo, Inc ACT4921 Datasheet HTML 8Page - Qorvo, Inc ACT4921 Datasheet HTML 9Page - Qorvo, Inc ACT4921 Datasheet HTML 10Page - Qorvo, Inc ACT4921 Datasheet HTML 11Page - Qorvo, Inc ACT4921 Datasheet HTML 12Page - Qorvo, Inc ACT4921 Datasheet HTML 13Page - Qorvo, Inc ACT4921 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
10 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
INTERNAL EFUSE
(VIN = 5V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Normal Mode
Operating Voltage Range
2.6
7
V
eFuse On-Resistance
ISW = -2A, VIN= 3.3V or 5V, TJ = 25°C
20
mΩ
ISW = -2A, VIN= 3.3V or 5V, TJ = 100°C
25
mΩ
Blocking FET On-Resistance
IOUT = 2A, VIN= 3.3V or 5V, TJ = 25°C
30
mΩ
IOUT = 2A, VIN= 3.3V or 5V, TJ = 100°C
38
mΩ
Programmable eFuse Current
Limit Range
VIN = 5V, Configured using ISET pin,
Triggers nIRQ Pin
1
6
A
eFuse Current Limit Accuracy
-10
+10
%
Blocking FET Current Limit
VOUT-VB > 560mV or at initial startup
300
mA
VOUT-VB < 560mV except at initial startup
1800
ISET Monitor Current Ratio
ISET current divided by eFuse current
1/20,000
eFuse Overcurrent Detection Deglitch
10
µs
eFuse Overcurrent Current Shutdown
Shuts down after deglitch time and stays off for
Off Time
6
A
Current Limit Restart Time
100
ms
eFuse Soft start
CSS = 10nF
5.94
6.6
7.26
mV/us
EN Input Low
VIO = 1.8V
0.58
V
EN Input High
VIO = 1.8V
1.22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com