Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 33 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 33 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 27Page - Qorvo, Inc ACT4921 Datasheet HTML 28Page - Qorvo, Inc ACT4921 Datasheet HTML 29Page - Qorvo, Inc ACT4921 Datasheet HTML 30Page - Qorvo, Inc ACT4921 Datasheet HTML 31Page - Qorvo, Inc ACT4921 Datasheet HTML 32Page - Qorvo, Inc ACT4921 Datasheet HTML 33Page - Qorvo, Inc ACT4921 Datasheet HTML 34Page - Qorvo, Inc ACT4921 Datasheet HTML 35Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
33 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
CMI OPTIONS
This section provides the basic default configuration settings for each available ACT4921 CMI option.
CMI 301: ACT4921QI301
CMI 301 is designed for standard 3.3V input applications. CMI 301 default settings are appropriate for most typical
applications. It operates with a buck switching frequency of 1.125MHz to provide an optimal tradeoff between overall
size and efficiency. Table 10 shows the default register settings.
Table 10: CMI 301 Default Register Settings
Function
Value
Register
Register Settings
Storage Voltage
28V
0x0Dh
BST_VSET[4:0] = 10111
Boost Current Limit
950mA
0x0Dh
BST_CLIM[1:0] = 10
Buck Switching Frequency
1125kHz
0x10h
BK_FREQ[1:0] = 01
Buck Peak Current Limit
6A
0x0Fh
BKILIM_OPT = 1
Buck Undervoltage Threshold
80%
0x0Fh
BKUV[1:0] = 10
Input Voltage Overvoltage Reference
0.82V
0x0Eh
VINS_OV_REF[2:0] = 001
Health Monitor Time
32ms
0x0Bh
HMON_TSET[3:0] = 0100
Health Monitor Threshold
95%
0x0Ch
HMON_THR[3:0] = 0000
Startup Delay
1ms
0x0Ch
EN_STARTDLY[2:0] = 001
Blocking FET Control
Pin Enabled
0x0Bh
EN_ENB_REG = 0
7-bit I2C Address
0x5Ah
n/a
n/a
CMI Identification
0x00h
0x2Ah
CMI_ID[7:0] = 0x00h
I2C Address
The CMI 301 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.
CMI Identification
The CMI 301 CMI identification (register 0x2Ah) = 0x00h. This register can be used to distinguish between different CMI
versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com