Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 19 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 19 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 15Page - Qorvo, Inc ACT4921 Datasheet HTML 16Page - Qorvo, Inc ACT4921 Datasheet HTML 17Page - Qorvo, Inc ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc ACT4921 Datasheet HTML 22Page - Qorvo, Inc ACT4921 Datasheet HTML 23Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
19 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
VIN
VOUT
VSTR
PLI
nIRQ
EN_UV
Buck_UV
Soft Start
Boost On
Supplement
Mode
10ms
Delay
9ms Delay
VB
Figure 4: Operation State
Pin Functions
VIN
VIN is the input the eFuse. Connect a 0.1uF ceramic
capacitor between VIN and PGND. VIN is directly
connected to VOUT in normal operation. The eFuse
disconnects VIN from VOUT when the IC enters
supplement mode.
EN
The EN pin provides a digital input to turn the IC on or
off. When EN is low when input power is applied, the IC
remains disabled. Pulling EN high moves the IC into the
SOFTSTART state. When EN is pulled low while input
power
is
valid,
the
IC
immediately
enters
SUPPLEMENT mode. After the storage capacitor is
depleted, the IC is disabled.
VINS
The
VINS
pin
provides
both
overvoltage
and
undervoltage protection thresholds. The VINS pin
contains two precision comparators with hysteresis. It
can be directly driven from a digital input to turn the
eFuse on and off. The EN pin is typically used with a
resistor divider from VIN to AGND to program an eFuse
startup voltage higher than the IC’s UVLO value. The
eFuse turns on when the input EN is high and the VINS
voltage goes above the VINS_UV_REF threshold.
Once the eFuse is on, it turns off and enters supplement
mode if the VINS pin goes above the VINS_OV_REF
threshold or below the VINS_UV_REF threshold.
The VINS pin should not be left floating. It can be driven
from standard logic signals greater than VINS_UV_REF.
It can also be driven with open-drain logic to provide.
When driving it with an open-drain, ensure that the
pullup voltage is not higher than the VINS_OV_REF
setting.
VINS_UV_REF is fixed at 0.64V. However, the
VINS_OV_REF can be programmed by I2C bits
VINS_OV_REF [2:0].
The default VINS_OV_REF
voltage is set by the IC’s CMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com