Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 28 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 28 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 24Page - Qorvo, Inc ACT4921 Datasheet HTML 25Page - Qorvo, Inc ACT4921 Datasheet HTML 26Page - Qorvo, Inc ACT4921 Datasheet HTML 27Page - Qorvo, Inc ACT4921 Datasheet HTML 28Page - Qorvo, Inc ACT4921 Datasheet HTML 29Page - Qorvo, Inc ACT4921 Datasheet HTML 30Page - Qorvo, Inc ACT4921 Datasheet HTML 31Page - Qorvo, Inc ACT4921 Datasheet HTML 32Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
28 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Table 9: Health Check Discharge Time
HMON_TSET[2:0]
HMON_TSET[3] (ms)
0
1
000
2
384
001
4
512
010
8
640
011
16
768
100
32
896
101
64
1024
110
128
1152
111
256
1280
PC BOARD LAYOUT GUIDANCE
Proper parts placement and PCB layout are critical to
the operation of switching power supplies. Follow the
following
layout
guidelines
when
designing
the
ACT4921 PCB. Refer to the Qorvo ACT4921 Evaluation
Kit for layout guidance.
Place the buck input capacitors as close as possible to
the IC. Connect the input capacitors directly between
STR and PGND pins on the top layer. Routing these
traces on the top layer eliminates the need for vias.
1.
Minimize the switch node trace length between
the SW pin and the inductor. Optimal switch
node routing is to run the trace between the in-
put capacitor’s pads. Using 1206 or larger sized
input capacitors is recommended. Avoid routing
sensitive analog signals near these high fre-
quency, high dV/dt traces.
2.
The Buck output capacitors should be placed
by the VOUT pin and connected directly to the
VOUT pin and ground plane with short and wide
traces. Note that the buck output capacitors do
not connect to the VB pin or inductor. The out-
put capacitor ground should make a short con-
nection to the input capacitor ground. If required,
use multiple vias.
3.
The FB pin should be Kelvin connected to the
output capacitor through the shortest possible
route, while keeping sufficient distance from
switching node to prevent noise injection. The
IC regulates the output voltage to this Kelvin
connection.
4.
Connect the PGND and AGND ground pins
must be electrically connected together. The
AGND ground plane should be isolated from
the rest of the PCB power ground.
5.
Remember that all open drain outputs need
pull-up resistors.
6.
Connect the exposed pad directly to the top
layer ground plane. Connect the top layer
ground plane to both internal ground planes
and the PCB backside ground plane with ther-
mal vias. Provide ground plane routing on mul-
tiple layers to allow the IC’s heat to flow into the
PCB and then spread radially from the IC. Avoid
cutting the ground planes or adding vias that re-
strict the radial flow of heat.
7.
The following components should be con-
nected to the AGND plane.
SS cap
BSET resistor
ISET resistor
COMP resistor and capacitors
FB resistor
VINS resistor
8.
The ACT4921 footprint should connect pins 31,
32, and 33 on the top layer. It should connect
pins 28 and 29 on the top layer. It should con-
nect pins 25, 26, 27, and 35 on the top layer. It
should connect pins 9 and 10 to the exposed
pad on the top layer. Refer to the evaluation kit
layout for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com