Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc ACT4921 Datasheet HTML 22Page - Qorvo, Inc ACT4921 Datasheet HTML 23Page - Qorvo, Inc ACT4921 Datasheet HTML 24Page - Qorvo, Inc ACT4921 Datasheet HTML 25Page - Qorvo, Inc ACT4921 Datasheet HTML 26Page - Qorvo, Inc ACT4921 Datasheet HTML 27Page - Qorvo, Inc ACT4921 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
24 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Frequency Setting
Higher switching frequencies result in smaller solution
sizes at the cost of slightly lower efficiency. Lower
switching frequencies result in larger solution sizes with
higher efficiency. The
following
table
gives
the
maximum allowable switching frequency as a function
of storage voltage.
Table 5: Maximum Allowable Buck Switching
Frequency
Storage Voltage
Maximum Buck Switching
Frequency
< 18V
2.25MHz
18V to 25V
1.5MHz
> 25V to 28V
1.125MHz
Output Voltage Setting
The buck converter output voltage is programmed by an
external resistor divider connected between the VB pin
and AGND, with the center tap connected to the FB pin.
The buck output voltage can be set above, below, or
equal to the input voltage supplement threshold. When
the input voltage goes outside the normal operating
voltage set by the VINS pin, the IC enters supplement
mode and regulates the output voltage to the
programmed buck voltage. Although the buck converter
immediately starts up when the IC enters supplement
mode, the output voltage still has a small, but finite drop
in output voltage between the time the eFuse turns off
and the buck converter is fully on. This voltage drop
should be considered when setting the output voltage.
The following equation calculates the correct resistor
values to set the desired output voltage.
1
2 &
' − 1)
(5)
Where R1 is the top feedback resistor, R2 is the bottom
feedback resistor, VBUCK is the desired output voltage,
and VFB is the fixed 0.8V reference voltage on the FB
pin. Choose R2 in the range of 10kohm. Smaller resistor
values are acceptable, but larger values will affect
voltage accuracy due to bias currents into the FB pin.
Protection
The buck converter has several protection mechanisms
to insure safe operation. It stops operation when input
voltage from storage cap drops below STR_UVLO
(3.0V) or when the output voltage drops below the
power good threshold which is fixed at 93% of the
output setpoint. Note that the output undervoltage
protection is masked by default, but can be unmasked
by the I2C register bit Mask_BK_UV REG0x11 [0].
The buck converter provides overcurrent and short
circuit protection. Overcurrent protection is achieved
with cycle-by-cycle current limiting. The peak current
threshold is set to either 6A or 10A by BKILIM_OPT. If
the peak current reaches the programmed threshold,
the IC turns off the power FET. This condition typically
results in shutdown due to an output voltage UV
condition due to the shortened switching cycle.
A short circuit condition that results in the peak switch
current being 122.5% of BKILIM_OPT immediately
shuts down the supply and asserts nIRQ low. A buck
overcurrent, undervoltage, or overvoltage condition
moves the IC into the UV/POR state.
Compensation
The
Buck
regulator
utilizes
type
2
external
compensation placed on the COMP pin. Contact the
factory for compensation details.
Input Capacitor Selection
The STR pin is the input voltage to the buck converter.
It requires a dedicated high quality, low-ESR, ceramic
input capacitor that is optimally placed to minimize the
power routing. For optimal PCB layout considerations,
1206 or 1210 sized input capacitors are recommended.
A 22uF capacitor is typically suitable, but the actual
value is application dependent. The input capacitor can
be increased without limit. Choose the input capacitor
value to keep the input voltage ripple less than 50mV
*
=
' +,
-
.1 − ' +,
- /
0
1 223
(6)
Where Iout is the maximum eFuse load current in
Amperes, VSTR is the maximum storage voltage, VBUCK
is the buck output voltage, FSW is the switching
frequency, and Vripple is the maximum allowable ripple
voltage on the input of the buck converter. Note that the
storage capacitor values should not be considered
when calculating the input voltage ripple because they
are
not
typically
designed
for
high
frequency
functionality.
Be sure to consider the input capacitor’s DC bias effects.
A capacitor’s actual capacitance is strongly affected by
its DC bias characteristics. The input capacitor is
typically an X5R, X7R, or similar dielectric. Use of Y5U,
Z5U, or similar dielectrics is not recommended. Input
capacitor placement is critical for proper operation. The
buck’s input capacitor must be placed as close to the IC
as possible. The traces from STR to the capacitor and
from the capacitor to PGND should as short and wide
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com