Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc ACT4921 Datasheet HTML 22Page - Qorvo, Inc ACT4921 Datasheet HTML 23Page - Qorvo, Inc ACT4921 Datasheet HTML 24Page - Qorvo, Inc ACT4921 Datasheet HTML 25Page - Qorvo, Inc ACT4921 Datasheet HTML 26Page - Qorvo, Inc ACT4921 Datasheet HTML 27Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
23 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Figure 5: Current Limit Threshold vs RILIM
Note that the eFuse current can be measured using the
ILIM pin. If eFuse current is measured via the ILIM pin,
the measurement circuit must have a high impedance
input to minimize errors. The current flowing out of ILIM
is 1/20000 of the current through the eFuse. The
following equation calculates the eFuse current when
measured via the ILIM pin.
=
20000
(2)
Where RILIM is the current limit resistor in ohms and VILIM
is the voltage measured on the ILIM pin in volts.
When the eFuse reaches the current limit threshold, it
clamps the output current. If the load tries to draw
additional current, the eFuse opens.
Soft-Start
The SS pin controls the eFuse start-up. The SS pin
drives a constant 5μA internal current source into the
external soft-start capacitor to provide a linear ramping
voltage at the SS pin. The output voltage linearly ramps
with the SS pin voltage, resulting in a well-controlled
linear softstart ramp on VOUT, regardless of the load
conditions. The following equation calculates the
required soft-start capacitance.
65
(3)
Where the TSS is the soft-start time in ms and VOUT is the
output voltage.
The softstart current must be less than 90% of the
programmed eFuse current limit. If the softstart current
is greater than 90% of the eFuse current limit, the IC
enters the SHUTDOWN state, turns off the eFuse, and
then retries to softstart again. The following equation
calculates the minimum allowable softstart time.
_
!
0.9
$
(4)
Where COUT is the sum of the output capacitance and
storage capacitance in mF, VOUT is the output voltage in
volts, and IILIM is the eFuse current limit in Amperes
programmed by the ILIM resistor.
BUCK CONVERTER
General Description
The ACT4921 contains current-mode, synchronous
PWM
step-down
converter
that
achieves
peak
efficiencies of 95%. The buck converter minimizes noise
in sensitive applications and allows the use of small
external components. It is highly flexible with external
component selection and can be reconfigured via I2C
registers. External components set the output voltage
and compensation while I2C registers set the switching
frequency and current limit. The buck converter
operates in fixed frequency PWM mode. Its switching
frequency is programmable between 562kHz to 2250
kHz via the I2C register BK_FREQ[1:0] which allows the
system to be optimized for different applications. It has
two peak current limit options of 6A and 10A allowing for
further system optimization. Overcurrent is set by a non-
I2C bit BKILIM_OPT in register 0x0Eh. Refer to the CMI
section at the back of the datasheet for each IC’s
specific setting. The buck output voltage is externally
programmable between 1.8V and 6V.
The buck converter generates a regulated output
voltage at the VB pin from the storage capacitors when
the IC enters supplement mode. This provides the
backup power when the system experiences fault
conditions. Note that the buck output voltage goes into
the VB pin, through the blocking FET and out of the
VOUT pin to the system. After the IC exits the
SOFTSTART state, the buck converter is enabled but
remains turned off. It automatically turns on when the IC
enters supplement mode, and remains on until the
storage capacitors discharge to 3.0V. Note that ENB
must be pulled high to enable the buck converter. Most
systems wait until the system is up and running before
enabling the buck and boost with the ENB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com