Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 22 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 22 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc ACT4921 Datasheet HTML 22Page - Qorvo, Inc ACT4921 Datasheet HTML 23Page - Qorvo, Inc ACT4921 Datasheet HTML 24Page - Qorvo, Inc ACT4921 Datasheet HTML 25Page - Qorvo, Inc ACT4921 Datasheet HTML 26Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
22 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
EFUSE
General Description
The ACT4921 eFuse is an “electronic” fuse that
disconnects
the
input
from
the
output.
It
has
considerable
advantages
over
mechanical
fuses
because it has adjustable current thresholds and it
resets after the fault condition is gone. The eFuse
consists of two back-to-back MOSFETS to provide bi-
directional protection. This provides protection against
both input and output short circuit conditions by
preventing current flow in both directions. Hot swap
functionality is provided by the eFuse softstart function
and current limiting circuitry. This prevents large inrush
currents from pulling down the input voltage. The eFuse
also provides protection against high input voltage
transients up to 7V by opening when the input voltage
goes above the programmed threshold.
The eFuse turns off in the following conditions.
1.
VINS voltage below UV threshold
2.
VINS voltage above the OV threshold
3.
Input voltage above the OV threshold
4.
eFuse current above the OC threshold
5.
VIN – VOUT > 300mV
Blocking FET
The blocking FET is an internal MOSFET that provides
isolation between the system output voltage (VOUT)
and the storage capacitors. It provides system level fault
tolerance that allows the system to continue operating
normally in the event of a storage capacitor failure.
During the blocking FET softstart, it provides 300mA
constant current. The blocking FET stays in softstart
until the voltage across it (VOUT-VB) approaches 0V.
After softstart is complete, the blocking FET turns on
fully, and has a 1.8A current limit setting. The blocking
FET enters softstart again when VOUT-VB < 560mV.
During startup, the 300mA constant current source
linearly charges up the storage capacitors. If the storage
capacitors are not charged up to VIN within 1s, the
blocking FET turns off for 1s and then retries. With
extremely
large
storage
capacitors
such
as
supercapacitors, the blocking FET will turn on and off at
a 2s period. This is expected functionality and
minimizes the power dissipation in the IC.
In normal operation, when the blocking FET is fully
turned on, it applies power to the boost converter,
allowing the storage capacitors to charge up to their
final value. When the IC enters supplement mode, the
buck output power flows into the VB pin, through the
blocking FET, and out of VOUT to the system.
The blocking FET limits a storage capacitor overload
condition to 1.8A. This causes the voltage at VB to drop,
generates a VB undervoltage fault, and the IC pulls
nIRQ low. If VB voltage drops below VOUT-560mV, the
current limit drops from 1.8A to 300mA. During this
condition, the eFuse stays on and system continues to
operate normally.
If the overload condition remains for longer than 1s, the
blocking FET enters a hiccup mode where it turns on
and off for a 2s period. Hiccup mode applies to both
normal startup with very large storage capacitors and to
short circuit conditions. Note that the IC enters the
SUPPLEMENT-DISABLE state during both startup and
short circuit conditions.
The blocking FET can be manually turned on and off by
the ENB pin or the EN_BFET bit in register 0x06h.
When register EN_ENB_REG = 0, the ENB pin controls
the blocking FET. Pulling ENB low turns it off and pulling
ENB high turns it on. When register EN_ENB_REG = 1,
the EN_BFET bit pin controls the blocking FET. Setting
EN_BFET = 0 turns it off and setting EN_BFET high
turns it on.
Note that disabling the blocking FET also disables the
boost converter. This allows systems to startup faster by
keeping the boost disabled until the system is up and
running.
Current Limit Setting
A resistor connected between the ISET pin and VSS
programs the ACT4921 eFuse maximum DC current
limits. The input current limit is linearly proportional to
the resistor value on the ISET pin. The following
equation calculates the correct resistor value to get the
desired current limit threshold.
= 20000
(1)
Where RILIM is the current limit resistor in ohms and IILIM
is the desired current limit threshold in Amperes. Figure
5 shows the current limit setting vs RILIM value. Note that
the maximum allowable eFuse current limit setting is 6A,
which corresponds to a 3.32kohm resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com