Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 18 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 18 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 14Page - Qorvo, Inc ACT4921 Datasheet HTML 15Page - Qorvo, Inc ACT4921 Datasheet HTML 16Page - Qorvo, Inc ACT4921 Datasheet HTML 17Page - Qorvo, Inc ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc ACT4921 Datasheet HTML 20Page - Qorvo, Inc ACT4921 Datasheet HTML 21Page - Qorvo, Inc ACT4921 Datasheet HTML 22Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
18 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Table 3: IC Functionality vs Operating Conditions.
Operation
Conditions
eFuse
Blocking
FET
Boost
Buck
PLI
PG_VO
PG_STR
nIRQ
IC Action
Normal Operation
On
On
Enabled
Off
High
High
High
High
Boost Charges
STR Cap as
needed
Input OC
Vin - Vout < 560mV
On
On
Enabled
Off
High
High
High
Low
eFuse in LDO
Mode
Input OC
Vin - Vout > 560mV
On → Off
Off
Off
On
Low
Low
High → Low
Low
Enter
Supplement
Mode
VBUS Short
On → Off
On
Off
On
Low
Low
High → Low
Low
Enter
Supplement
Mode
Input Over Voltage
On → Off
On
Off
On
Low
High
High → Low
Low
Enter
Supplement
Mode
Input Under Voltage
On → Off
On
Off
On
Low
High
High → Low
Low
Enter
Supplement
Mode
EN Pin Low
(@ Start up)
Off
Off
Off
Off
Low
Low
Low
Low
IC is disabled
EN Pin Low (@
Normal Operation)
On → Off
Off
Off
On
Low
Low
High → Low
Low
Enter supple-
ment mode
first, then IC is
disabled
ENB Pin Low
On
Off
Off
Off
No
Effect
No
Effect
Depends on
Vstr
Low
Disables Boost
& Buck, turns
off Blocking
FET
Health Checking
On
On
Off
Off
High
High
High
High
If failed,
PS_STR and
nIRQ go low
120°C < Tj < 145 °C
On
On
Enabled
Off
High
High
High
Low
Sends out ther-
mal alert
145 °C < Tj < 155 °C
On
On
Off
Off
High
High
Depends on
Vstr
Low
PG_STG
depends on
Vstr
Tj > 155 °C
Off
Off
Off
Off
Low
Low
Low
Low
IC is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com