Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 15 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 15 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 11Page - Qorvo, Inc ACT4921 Datasheet HTML 12Page - Qorvo, Inc ACT4921 Datasheet HTML 13Page - Qorvo, Inc ACT4921 Datasheet HTML 14Page - Qorvo, Inc ACT4921 Datasheet HTML 15Page - Qorvo, Inc ACT4921 Datasheet HTML 16Page - Qorvo, Inc ACT4921 Datasheet HTML 17Page - Qorvo, Inc ACT4921 Datasheet HTML 18Page - Qorvo, Inc ACT4921 Datasheet HTML 19Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
15 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
Basic Non-Volatile – These are R/W and RO. After the
IC is powered, the user can modify the R/W register
values
to
change
IC
functionality.
Changes
in
functionality include things like output voltage settings,
startup delay time, and current limit thresholds. Any
changes to these registers are lost when power is
recycled. The default values can be modified at the
factory
to
optimize
IC
functionality
for
specific
applications. Please consult Qorvo for custom options
and minimum order quantities.
When modifying only certain bits within a register, take
care
to
not
inadvertently
change
other
bits.
Inadvertently changing register contents can lead to
unexpected device behavior.
State Machine
ACT4921 contains an internal state machine with seven
internal states: UV/POR, SOFT-START, NORMAL,
HEALTH CHECK, SUPPLEMENT, SUPPLEMENT-
DISABLE, and SHUTDOWN.
UV/POR State
The IC enters the UV/POR state on power up. It also
enters UV/POR from SUPPLEMENT state in the
following conditions:
1.
When the input voltage drops below the
VINS_UV threshold.
2.
When the storage capacitor voltage drops
below 3.0V.
3.
When the buck converter output voltage goes
OV or UV.
The user may force the IC into UV/POR by writing a 1
into the FORCE_PWROFF bit, register 0x06h, bit 0.
When entering UV/POR from power up, all registers
reset to their default state. The registers retain their
existing values when the IC enters from SUPPLEMENT
state or from SHUTDOWN EFUSE. The IC transitions
from the UV/POR state to the SOFT-START state when
EN pin is high, the input voltage is above UVLO, the
VINS pin is above 0.64V, and the startup delay softstart
timer has timed out. The delay timer is set by I2C
register EN_STARTDLY[3:1] in register 0x0Bh. Table 1
shows the allowable delay times. 1ms is typically an
acceptable delay time, but longer times can be
programmed if the input voltage source rises extremely
slowly.
Table 1: Softstart Delay
EN_STARTDLY[3:1]
Startup Delay Time
000
Not valid
001
1ms
010
5ms
011
10ms
100
20ms
101
40ms
110
80ms
111
125ms
SOFTSTART State
In the SOFTSTART state, the IC slowly turns on the
eFuse to minimize inrush currents. The SS pin directly
controls the maximum output voltage dV/dt. The IC
stays in the SOFTSTART state until VIN-VOUT <
200mV and a 1ms timer times out. PG_VO goes high
when the IC exits the SOFTSTART state.
NORMAL State
The NORMAL state is the normal operating state. The
eFuse is fully on, VOUT = VIN, and the IC provides full
operating current. When the IC transitions from the
SOFTSTART state to the NORMAL state, the PG_VO
pin immediately goes high and the IC starts charging the
storage capacitors if ENB is pulled high.
HEALTH CHECK State
The HEALTH CHECK state can be considered a sub-
state of the NORMAL state. The IC operates identical to
the NORMAL state with the addition of activating the
circuitry that check the storage capacitor health. The IC
automatically enters HEALTH STATE every four
minutes. The user may also manually enter this state by
writing a 1 into the FORCE_HLTHCHK bit which is bit 1
in register 0x06h. This bit automatically resets to 0 after
the
health
check
routine
completes.
The
IC
automatically exits HEALTH CHECK and enters
SUPPLEMENT state in a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com