Electronic Components Datasheet Search
  English  ▼

X  

ACT4921 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT4921
Description  Power Loss Protection with 6A eFuse
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT4921 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT4921 Datasheet HTML 23Page - Qorvo, Inc ACT4921 Datasheet HTML 24Page - Qorvo, Inc ACT4921 Datasheet HTML 25Page - Qorvo, Inc ACT4921 Datasheet HTML 26Page - Qorvo, Inc ACT4921 Datasheet HTML 27Page - Qorvo, Inc ACT4921 Datasheet HTML 28Page - Qorvo, Inc ACT4921 Datasheet HTML 29Page - Qorvo, Inc ACT4921 Datasheet HTML 30Page - Qorvo, Inc ACT4921 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Data Sheet Rev. B, January 2020 | Subject to change without notice
27 of 35
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT4921
Power Loss Protection with 6A eFuse
use of super capacitors, electrolytic, polymer, Tantalum,
ceramic, or any capacitors in the design.
Output Voltage UVLO Setting
The storage capacitor power good signal indicates that
the STR voltage is above the UVLO threshold. The
UVLO threshold is shared with the storage capacitor
health check, and is set by the I2C register HMON_THR
[3:0]. The default value is determined by the IC’s
specific CMI option.
Table 8: Storage Capacitor PG Threshold
HMON_THR[2:0]
HMON_THR[3]
0
1
000
95.0%
96.6%
001
95.2%
96.8%
010
95.4%
97.0%
011
95.6%
97.2%
100
95.8%
97.4%
101
96.0%
97.6%
110
96.2%
97.8%
111
96.4%
98.0%
STORAGE CAPACITOR HEALTH
MONITOR
General Description
The ACT4921 has an internal health monitor for the
storage capacitors. It applies a constant current sink to
the capacitors and monitors the voltage drop. If the
voltage drops below a predetermined threshold, the IC
asserts nIRQ to indicate that the storage capacitance
has dropped below the allowable threshold. Health
monitoring is completely autonomous, but can also be
manually initiated by the system uP. Health monitoring
can also be configured so that it is only a manual
operation so it can be triggered on demand to avoid any
critical
system
operations.
The
health
monitor
parameters are adjustable via I2C registers to allow
flexibility for different capacitor values.
Health Monitor Algorithm
The health check algorithm sinks 10mA into the STR pin
for a time determined by I2C register HMON_TSET. It
then sinks 50mA for 200us. It monitors the voltage on
the STR pin, and if the voltage drops more than the
percentage set by I2C register HMON_THR, it asserts
nIRQ low and sets the fault bit. The IC’s specific CMI
option sets the default HMON_TSET and HMON_THR
settings. After the HMON_TSET time, the boost turns
back on to recharge the storage capacitor.
The health check function can be enabled and disabled
by the DIS_HEALTH_CHK bit 0x0Bh [4]. It also can be
forced to perform a one-shot health check by the
FORCE_HLTHCHK bit 0x06h [1]. Forcing a single
health check is valid even when the DIS_HEALTH_CHK
bit = 1. If set in continuous mode, the IC performs a
health check every 4 minutes. This timing can be
configured for every 8 minutes or 16 minutes by bits
SCALE_HCHK _2X and SCALE_HCHK _4X in register
0x10h [1:0].
The ACT4921 allows for very flexible health checking
routines by allowing the system to manually enable the
10mA
discharge
current
by
setting
the
EN_STR10mASINK bit 0x06h [2] = 1. In this situation,
the system manually turns the discharge current on and
off. The storage capacitor voltage threshold is still
determined by the HMON_THR register. This function is
useful for checking extremely large capacitor values
which need very long discharge times.
PG_THR
(Programmable)
VSTR
Initial Charge
Health Testing
Top-Off
Maintain
V
10mA
50mA
I
200us
Programmable
Discharge Time
Pr ogrammable
Interval Time
t
t
0
0
St orage Cap Voltag e
Discharge Current
Figure 6: Storage Voltage at Different Stages
The register HMON_TSET [3:0] sets the health check
discharge time as shown in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com