Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 30Page - Analog Devices LTM4719 Datasheet HTML 31Page - Analog Devices LTM4719 Datasheet HTML 32Page - Analog Devices LTM4719 Datasheet HTML 33Page - Analog Devices LTM4719 Datasheet HTML 34Page - Analog Devices LTM4719 Datasheet HTML 35Page - Analog Devices LTM4719 Datasheet HTML 36Page - Analog Devices LTM4719 Datasheet HTML 37Page - Analog Devices LTM4719 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
34 of 53
Table 10. Read/Write Register B (Address 02h)
BIT
NAME
OPERATION
DEFAULT
B[15:0]
Accumulated charge
Readback 16MSBs of counter data, only 8MSBs B[15:8]
are writable.
0000h
Table 11. Read Register C (Address 03h)
BIT
NAME
OPERATION
DEFAULT
C[0]
Coulomb counter overflow
Coulomb counter operating fault due to an improperly
chosen prescaler causing the ripple counter to
overflow.
0
C[1]
Alarm trip
Accumulator Register B value has met or exceeded the
alarm threshold set in Register A.
0
C[2]
Alarm minimum die
temperature
The die temperature has reached the minimum die
temperature set with bits H[7:0].
0
C[3]
Alarm maximum die
temperature
The die temperature has reached the maximum die
temperature set with bits H[15:8].
0
C[4]
ADC measurements ready
Indicates when the ADC measurements are ready after
a read request with the coulomb counter turned off
(Bit A[7] = 1 and Bit A[6] = 1) after this bit is read
through I2C, it self-resets.
0
C[7:5]
Pin-strapped IPK pin
Readback of IPK[2:0] pins (setting latched at startup).
000
C[15:8]
DIE_TEMP
Readback 8MSBs of die temperature measurement.
00h
The die temperature DIE_TEMP can be calculated by Equation 10.
������������������������������������������ = ������������������������ × ������������������������������������ − 41℃
(10)
where TLSB is the typical value in the Electrical Characteristics table and COUNTC are the 8MSBs of Register C.
Table 12. Read Register D (Address 04h)
BIT
NAME
OPERATION
DEFAULT
D[11:0]
VINC(ON)
Readback VINC pin voltage measurement when IPEAK turns on.
000000
000000
D[15:12]
Not used.
0000
The battery voltage VINC(ON) can be obtained from the count in Register D (COUNTD) by Equation 11.
������������������������(������������) = ������������������������ × ������������������������������������
(11)
where VLSB is the typical value in the Electrical Characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com