Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 49 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 45Page - Analog Devices LTM4719 Datasheet HTML 46Page - Analog Devices LTM4719 Datasheet HTML 47Page - Analog Devices LTM4719 Datasheet HTML 48Page - Analog Devices LTM4719 Datasheet HTML 49Page - Analog Devices LTM4719 Datasheet HTML 50Page - Analog Devices LTM4719 Datasheet HTML 51Page - Analog Devices LTM4719 Datasheet HTML 52Page - Analog Devices LTM4719 Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
49 of 53
Typical Applications
Figure 32. 700kHz, 1.8V, 150mA Supply from Main Power and Backup Battery
Figure 33. 700kHz, 1.8V, 150mA Supply from Main/Secondary Power, No Battery SoH Monitor
Related Parts
Table 18. Related Parts
PART NUMBER DESCRIPTION
COMMENTS
LTM4693
Ultrathin, low VIN, 2A buck-boost µModule
regulator
2.6V ≤ VIN ≤ 5.5V, 1.8V ≤ VOUT ≤ 5.5V,
3.5mm × 4mm × 1.25mm LGA
LTM8083
36VIN, 1.5A buck-boost µModule regulator with
programmable current limit
3V ≤ VIN ≤ 36V, 1V ≤ VOUT ≤ 36V,
6.25mm × 6.25mm × 2.22mm BGA
LTM8074
40VIN, 1.2A Silent Switcher µModule regulator
3.2V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 12V,
4mm × 4mm × 1.82mm BGA
10µF
10µF
4.7µF
100kΩ
124kΩ
4.7µF
47µF
549kΩ
47.5kΩ
VIN1
SVIN1
VIN2
SVIN2
EN1
EN2
PWM/SYNC
VREF
INTVCC
VSET1
VSET2
GND
PRIORITY
DIODE
5V TO 42V
MAIN POWER
5V TO 42V
SECONDARY POWER
VOUT
FB2
VBUS
FB1
RT
LTM4719
1.8VOUT
2.3VBUS
PINS NOT USED IN
THIS CIRCUIT:
AVCC, BAL, DVCC,
EXTVCC, IPKn, IRQ,
PG, SCL, SDA, VALIDn,
VINC, VINCOKn,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com