Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 18Page - Analog Devices LTM4719 Datasheet HTML 19Page - Analog Devices LTM4719 Datasheet HTML 20Page - Analog Devices LTM4719 Datasheet HTML 21Page - Analog Devices LTM4719 Datasheet HTML 22Page - Analog Devices LTM4719 Datasheet HTML 23Page - Analog Devices LTM4719 Datasheet HTML 24Page - Analog Devices LTM4719 Datasheet HTML 25Page - Analog Devices LTM4719 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
22 of 53
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 5. Efficiency from VIN to VBUS, VBUS = 5.5V
Figure 6. Efficiency from VIN to VBUS, VBUS = 5V
Figure 7. Efficiency from VIN to VBUS, VBUS = 3.8V
Figure 8. Efficiency from VIN to VBUS, VBUS = 3.3V
Figure 9. Efficiency from VIN to VBUS, VBUS = 2.3V
Burst Mode OPERATION
PWM MODE
fSW = 700kHz
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
0.2
0
10
20
30
40
50
60
70
80
90
Burst Mode OPERATION
PWM MODE
fSW = 700kHz
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
0.2
0
10
20
30
40
50
60
70
80
90
Burst Mode OPERATION
PWM MODE
fSW = 700kHz
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
0.2
0
10
20
30
40
50
60
70
80
90
Burst Mode OPERATION
PWM MODE
fSW = 700kHz
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
0.2
0
10
20
30
40
50
60
70
80
90
Burst Mode OPERATION
PWM MODE
fSW = 700kHz
VIN = 12V
VIN = 24V
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
0.2
0
9
18
27
36
45
54
63
72
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com