Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 38Page - Analog Devices LTM4719 Datasheet HTML 39Page - Analog Devices LTM4719 Datasheet HTML 40Page - Analog Devices LTM4719 Datasheet HTML 41Page - Analog Devices LTM4719 Datasheet HTML 42Page - Analog Devices LTM4719 Datasheet HTML 43Page - Analog Devices LTM4719 Datasheet HTML 44Page - Analog Devices LTM4719 Datasheet HTML 45Page - Analog Devices LTM4719 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
42 of 53
Current Limit and Thermal Overload Protection
The LTM4719 is protected against damage due to excessive power dissipation by current and thermal overload
protection circuits. The LTM4719 is designed to the current limit when the output load reaches 320mA (typical). When
the output load exceeds 320mA, the output voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction temperature to a maximum of 150°C (typical).
Under extreme conditions (that is, high ambient temperature and power dissipation), when the junction
temperature starts to rise above 150°C, the output is turned off, reducing the output current to zero. When the
junction temperature drops below 135°C, the output is turned on again, and the output current is restored to its
nominal value.
VOC Capacitor Selection
A minimum value of capacitance (COC) is required between VOC and ground. This capacitor determines the IPEAK pulse
on and off durations. Its value should be selected based on the maximum current load at the VOC pin and the IPEAK
setting. For best coulomb counter accuracy, it is recommended to have 50μs minimum IPEAK on/off durations (see
Equation 19).
������������������������������_������������ ������������������������(min) =
������������������ × ������������������������������_������������
������������������������������
(19)
������������������������������_������������������ ������������������������(min) =
������������������ × ������������������������������_������������
������������������������������(������������������)
where VHYST_OC is the voltage ripple value between VOC_HIGHand VOC_LOW. See Figure 20. The hysteresis is nominally set to
50mV.
For the 100mA IPEAK setting and a maximum load current of 100mA, a 100μF COC capacitor is recommended. See Table
17 for recommended COC values for the other IPEAK settings.
Table 17.Recommended Minimum COC Values for Each IPEAK Selection
IPK2
IPK1
IPK0
IPEAK
(mA)
RECOMMENDED COC
(μF)
0
0
0
5
4.7
0
0
1
10
10
0
1
0
15
15
0
1
1
20
22
1
0
0
25
33
1
0
1
50
47
1
1
0
75
82
1
1
1
100
100
The VOC_HIGH and VOC_LOW thresholds are DC levels. The actual AC values seen in application will be outside of these
levels due to finite delay in the hysteretic comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com