Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 8Page - Analog Devices LTM4719 Datasheet HTML 9Page - Analog Devices LTM4719 Datasheet HTML 10Page - Analog Devices LTM4719 Datasheet HTML 11Page - Analog Devices LTM4719 Datasheet HTML 12Page - Analog Devices LTM4719 Datasheet HTML 13Page - Analog Devices LTM4719 Datasheet HTML 14Page - Analog Devices LTM4719 Datasheet HTML 15Page - Analog Devices LTM4719 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
12 of 53
(TA = 25°C, VIN1 = SVIN1 = 24V, VIN2 = SVIN2 = 12V, VINC = VOC = AVCC = DVCC = 3.6V, VSET1 = VSET2 = GND, VBUS = 2.3V, VOUT =
1.8V, EN2 = VBUS, COUT = 1μF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Digital input high
current
DIIH
For pins IPK[2:0]
10
nA
For pins SDA, SCL
10
Digital input low
current
DIIL
For pins IPK[2:0]
10
nA
For pins SDA, SCL
10
Digital output high
voltage
DVOH
For pins IRQ, VINCOK; 1μA out of pin
DVCC –
0.5
V
Digital output low
voltage
DVOL
For pins IRQ, VINCOK; 1μA into pin
0.5
V
For pin SDA; 3mA into pin
0.4
I2C Timing Characteristics (See Figure 3)
I2C read address
110010
01
I2C write address
110010
00
Clock operating
frequency
fSCL
400
kHz
Bus free time
between
STOP/START
tBUF
1.3
μs
Repeated START
setup time
tSU(STA)
600
ns
Hold time (repeated)
START condition
tHD(STA)
600
ns
Setup time for STOP
condition
tSU(STO)
600
ns
Data setup time
(input)
tSU(DAT)
100
ns
Data hold time
(input)
tHD(DATI)
0
μs
Data hold time
(output)
tHD(DAT0)
0
0.9
μs
Clock/data fall time
tf
20
300
ns
Clock/data rise time
tr
20
300
ns
Clock low period
tLOW
1.3
μs
Clock high period
tHIGH
0.6
μs
Spike suppression
time
tSP
50
ns
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com