Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 1 Page - Analog Devices

  LTM4719 Datasheet HTML 1Page - Analog Devices LTM4719 Datasheet HTML 2Page - Analog Devices LTM4719 Datasheet HTML 3Page - Analog Devices LTM4719 Datasheet HTML 4Page - Analog Devices LTM4719 Datasheet HTML 5Page - Analog Devices LTM4719 Datasheet HTML 6Page - Analog Devices LTM4719 Datasheet HTML 7Page - Analog Devices LTM4719 Datasheet HTML 8Page - Analog Devices LTM4719 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Data Sheet
LTM4719
42V Dual Input, Low Noise 150mA Step-Down µModule Regulator
with I2C Battery Health Monitor
Rev. 0
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
TECHNICAL SUPPORT
©202
5 Analog Devices, Inc. All rights reserved.
FEATURES
Seamless and Automatic Transition between Two
Input Power Sources
Integrated Battery Health Monitor
Wide Voltage Range for Dual Inputs: 2.4V
to 42V
Battery Health Monitor Input Voltage: 1.8V to 5.5V
Adjustable Output Range: 1V to 4.2V
Up to 150mA Continuous Output Current
Integrated Low-Dropout Linear Regulator: 195mV at
150mA Load for Low Output Noise
200kHz to 2.2MHz Switching Frequency
Synchronization to an External Clock
Current Mode Control With 60ns Minimum On-time
Burst Mode® Operation, IQ = 18.5μA
Programmable Input UVLO Thresholds and
Discharge Alarm with Interrupt Output
Input Valid, Priority Channel, and PG Indicators
Available in a Compact 64-Pin BGA, 7mm × 7mm ×
1.85mm Package
APPLICATIONS
Portable Battery-Powered Devices
Radio, Healthcare, and Industrial Test Equipment
Uninterruptible Power Supplies
GENERAL DESCRIPTION
The LTM4719 is a 42V dual input, 150mA synchronous
buck power µModule® (micromodule) regulator with an
integrated battery health monitor interfaced through
I2C. The ultralow quiescent current post-regulation
linear regulator draws 560nA (typical) at no load and a
42µA (typical) at full load, which is ideal for battery-
operated portable equipment.
The LTM4719 supports seamless transition between two
separate input power sources if one of the inputs is lost.
The automatic switchover eliminates the need for
holdup capacitors and minimizes disturbances on the
output rail. The 18.5µA Burst Mode operation quiescent
current makes the LTM4719 compatible with many
applications.
The LTM4719 has a built-in precision coulomb counter
(Q) accessible through an I2C interface. A discharge
alarm threshold can be programmed. When the
threshold is reached, an interrupt signal is generated at
the IRQ pin. Battery voltage (V), battery impedance (Z),
and temperature (T) are accessible through I2C. Fault
protection features include input undervoltage lockout
(UVLO), power good (PG), current limit, and
overtemperature (OV) protection.
TYPICAL APPLICATION
Figure 1. 700kHz, 1.8V, 150mA Supply from
Main Power and Backup Battery
Figure 2. Switchover to Battery Power
1.8VOUT 150mA FULL LOAD
50ms/DIV
VOUT
AC-COUPLED
20mV/DIV
VIN1
10V/DIV
VIN2
5V/DIV


Similar Part No. - LTM4719

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4710-1 AD-LTM4710-1 Datasheet
2Mb / 26P
Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
Rev. 0
LTM4710EV-1PBF AD-LTM4710EV-1PBF Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4710IV-1PBF AD-LTM4710IV-1PBF Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results

Similar Description - LTM4719

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK654XX TOKO-TK654XX Datasheet
762Kb / 28P
STEP-DOWN CONVERTER WITH BATTERY MONITOR
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LTC3126 LINER-LTC3126 Datasheet
1Mb / 30P
42V, 2.5A Synchronous Step-Down Regulator with No-Loss Input PowerPath
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com