Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 16Page - Analog Devices LTM4719 Datasheet HTML 17Page - Analog Devices LTM4719 Datasheet HTML 18Page - Analog Devices LTM4719 Datasheet HTML 19Page - Analog Devices LTM4719 Datasheet HTML 20Page - Analog Devices LTM4719 Datasheet HTML 21Page - Analog Devices LTM4719 Datasheet HTML 22Page - Analog Devices LTM4719 Datasheet HTML 23Page - Analog Devices LTM4719 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
20 of 53
driven low whenever the buck converter is disabled. The maximum voltage that can be
applied to the PG pin is 5.5V.
G4, H4
VIN2
Secondary Power Source Input for the Buck Converter. In priority mode (DIODE pin
low), the buck converter will only operate from this input if the priority input power
source is under voltage. This pin must be bypassed with a 4.7μF or larger ceramic
capacitor to ground. If the VIN2 input is subjected to inductive shorts to ground, then a
power Schottky diode must be added from ground to VIN2 to prevent this pin from
being driven below ground.
G5
IPK0
Input Current Limit Select Bit of Battery Health Monitor (with IPK1 and IPK2). IPK0
should be tied to VINC to select high or to GND to select low to program the desired IPEAK
(see Table 7 in the Theory of Operation section). Do not float this pin.
G6
IPK1
Input Current Limit Select Bit of Battery Health Monitor (with IPK0 and IPK2). See IPK0.
Do not float this pin.
G8
AVCC
Supply Rail for the Coulomb Counter and Battery Health Monitor Circuit. AVCC is
normally connected to VOC, but some applications may connect to VINC (see the
Applications Information section).
H2
RT
Switching Frequency Programming Pin. A resistor placed from this pin to ground sets
the switching frequency of the buck converter.
H5
VOC
Battery Health Monitor Output Voltage. Connect VIN2 or load to this pin.
H7
VINC
Battery Health Monitor Input Voltage. Connect the battery as close as possible to this
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com