Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 35Page - Analog Devices LTM4719 Datasheet HTML 36Page - Analog Devices LTM4719 Datasheet HTML 37Page - Analog Devices LTM4719 Datasheet HTML 38Page - Analog Devices LTM4719 Datasheet HTML 39Page - Analog Devices LTM4719 Datasheet HTML 40Page - Analog Devices LTM4719 Datasheet HTML 41Page - Analog Devices LTM4719 Datasheet HTML 42Page - Analog Devices LTM4719 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
39 of 53
If the resulting total resistance through the resistor chain (R1 + R2 + R3) is larger or smaller than desired, the choice
of R3 can be adjusted in the appropriate direction, and the calculation for R2 and R1 can be repeated.
Input Hold-Up Capacitance
The LTM4719 features internal micropower UVLO comparators that minimize the quiescent current required by the
application. However, due to their low operating current, the UVLO comparators exhibit a significant delay when
responding to an undervoltage condition. Sufficient input hold-up capacitance must be provided to ensure the
voltage on the utilized channel remains sufficient to power the buck converter until the transition to the secondary
channel is completed.
Consider the example illustrated in Figure 23 where the LTM4719 is being powered by the priority input (VIN1) at 12.8V
and the UVLO threshold on the VIN1 channel is programmed to 10V. At time t1, the priority input is unplugged, and the
buck converter begins discharging the input capacitor. At time t2, the UVLO threshold is reached, but the buck
converter remains operating from the priority channel due to the comparator delay. At time t3, after comparator
delay tDELAY, the buck converter switches over to the secondary input (VIN2), and the input capacitor on VIN1 maintains
its voltage since there is no longer any current being drawn on that channel. In this example, the input capacitor on
VIN1 must be large enough that VIN1 remains at sufficient voltage to maintain the output voltage in regulation until
time t3. If VIN1 is allowed to drop lower than the regulated output voltage, then the buck converter output temporarily
loses regulation during the transition.
Figure 23. Waveforms During Transition from VIN1 to VIN2
Soft Start
The LTM4719 incorporates an internal soft start circuit with a nominal duration of 7.5ms. The soft start is
implemented by a linearly increasing ramp of the error amplifier reference voltage during the soft start duration. As
a result, the duration of the soft start period is largely unaffected by the size of the bus capacitor or the bus regulation
voltage. Given the closed-loop nature of the soft start implementation, the converter can respond to load transients
that occur during the soft start interval. The soft start period is reset by thermal shutdown, when the buck converter
is disabled through the EN1 pin, and when both inputs are in UVLO.
V
REF Output
The VREF output is a regulated, temperature-stable, 1V voltage reference. It is intended primarily to be used to
establish the VSET1 and VSET2 pin voltages. However, it can also be used for other functions if the total current drawn
from the pin is limited to 1mA or less. In addition to that restriction, there is also a maximum amount of capacitance
that can be placed on the VREF pin to maintain a suitable phase margin in the internal pin driver. The maximum
recommended capacitance on the VREF pin is 470pF or less. If the VREF pin is not being used in the application (i.e.,
there is no resistor from VREF to GND) then the VREF pin should be connected to INTVCC.
t1
t2
t3
VIN1
IIN2
10V
tDELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com