Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 5Page - Analog Devices LTM4719 Datasheet HTML 6Page - Analog Devices LTM4719 Datasheet HTML 7Page - Analog Devices LTM4719 Datasheet HTML 8Page - Analog Devices LTM4719 Datasheet HTML 9Page - Analog Devices LTM4719 Datasheet HTML 10Page - Analog Devices LTM4719 Datasheet HTML 11Page - Analog Devices LTM4719 Datasheet HTML 12Page - Analog Devices LTM4719 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
9 of 53
(TA = 25°C, VIN1 = SVIN1 = 24V, VIN2 = SVIN2 = 12V, VINC = VOC = AVCC = DVCC = 3.6V, VSET1 = VSET2 = GND, VBUS = 2.3V, VOUT =
1.8V, EN2 = VBUS, COUT = 1μF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VINC – VOC =
175mV (current
source turned
on), 20mA IPEAK
setting
18
20
22
–40°C ≤ TJ ≤
125°C
17
20
23
VINC – VOC =
175mV (current
source turned
on), 15mA IPEAK
setting
13.5
15
16.5
–40°C ≤ TJ ≤
125°C
13
15
17
VINC – VOC =
175mV (current
source turned
on), 10mA IPEAK
setting
9
10
11
–40°C ≤ TJ ≤
125°C
8.5
10
11.5
VINC – VOC =
175mV (current
source turned
on), 5mA IPEAK
setting
4.5
5
5.5
–40°C ≤ TJ ≤
125°C
4.2
5
5.8
Startup: VOC = 0V,
25mA/50mA/75mA/100mA IPEAK
setting
25
Startup: VOC = 0V, 5mA to 20mA IPEAK
setting
5
AVCC pin input
quiescent current
IQ_AVCC
VINC – VOC = 50mV, IPEAK = 100mA
100
160
nA
qLSB (for prescaler
setting M = 0)3,4
QLSB
100mA IPEAK setting
14.91
mA × hr
75mA IPEAK setting
11.18
50mA IPEAK setting
7.457
25mA I IPEAK setting
3.728
20mA IPEAK setting
2.983
15mA IPEAK setting
2.237
10mA IPEAK setting
1.491
5mA IPEAK setting
745.7
μA × hr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com