Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 9Page - Analog Devices LTM4719 Datasheet HTML 10Page - Analog Devices LTM4719 Datasheet HTML 11Page - Analog Devices LTM4719 Datasheet HTML 12Page - Analog Devices LTM4719 Datasheet HTML 13Page - Analog Devices LTM4719 Datasheet HTML 14Page - Analog Devices LTM4719 Datasheet HTML 15Page - Analog Devices LTM4719 Datasheet HTML 16Page - Analog Devices LTM4719 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
13 of 53
1
The LTM4719 is tested under pulsed load conditions such that TJ ≈ TA. The LTM4719E is guaranteed to meet
performance specifications over the 0°C to 125°C internal operating temperature range. Specification over the –
40°C to 125°C operation junction temperature range is assured by design, characterization, and correlation with
statistical process controls. The LTM4719I specifications are guaranteed over the –40°C to 125°C operating
junction temperature range. Note that the maximum ambient temperature consistent with these specifications
is determined by the specific operating conditions in conjunction with board layout, the rated package thermal
resistance, and other environmental factors.
2
Coulomb counter and peak current limit accuracy is at its best for VINC voltages above 2V. The voltage and
temperature monitor accuracy are at their best down to 1.8V.
3
The equivalent charge of a least-significant bit (LSB) in the accumulated charge register depends on the IPEAK
setting and the internal pre-scaling factor M. Note that 1mA × hr = 3.6A × s = 3.6C
4
The specified accuracy of qLSB in percent is better than that of the corresponding IPEAK because the time base
used for calculating coulombs is internally adjusted to compensate for errors in the actual IPEAK value. The total
coulomb counter error specified includes any inaccuracy in qLSB.
5
Data tested on the bench.
Timing Diagram
Figure 3. Definition of Timing on I2C Bus
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
tSU(STO)
tHD(SDA)
tSP
tBUF
tHD(STA)
tHD(DAT)
tSU(STA)
tSU(DAT)
tLOW
tr
tHIGH
SDA
SCL
START
CONDITION
tf
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com