Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 3Page - Analog Devices LTM4719 Datasheet HTML 4Page - Analog Devices LTM4719 Datasheet HTML 5Page - Analog Devices LTM4719 Datasheet HTML 6Page - Analog Devices LTM4719 Datasheet HTML 7Page - Analog Devices LTM4719 Datasheet HTML 8Page - Analog Devices LTM4719 Datasheet HTML 9Page - Analog Devices LTM4719 Datasheet HTML 10Page - Analog Devices LTM4719 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
7 of 53
(TA = 25°C, VIN1 = SVIN1 = 24V, VIN2 = SVIN2 = 12V, VINC = VOC = AVCC = DVCC = 3.6V, VSET1 = VSET2 = GND, VBUS = 2.3V, VOUT =
1.8V, EN2 = VBUS, COUT = 1μF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
SW minimum
off-time
tOFF(MIN)
5
100
ns
Post Regulation LDO Regulator
VBUS input voltage
range
VBUS
–40°C ≤ TJ ≤ 125°C
2.2
5.5
V
VOUT output voltage
accuracy
VOUT
100μA < IOUT <
150mA,
VBUS = 2.2V to
5.5V
1.764
1.8
1.83
V
–40°C ≤ TJ ≤
125°C
1.730
1.863
Feedback voltage
FB2
VFB2
100μA < IOUT <
150mA,
VBUS = 2.2V to
5.5V
0.98
1.02
V
–40°C ≤ TJ ≤
125°C
0.97
1.03
Line regulation
VLINEREG
VBUS = 2.2V to
5.5V, IOUT = 10mA
–40°C ≤ TJ ≤
125°C
–0.1
0.1
%/V
Load regulation
VLOADREG
IOUT = 100μA to
150mA
–40°C ≤ TJ ≤
125°C
0.6
1.5
%
Dropout voltage
VDO
VOUT = 3.3V, IOUT = 10mA
8
10
mV
VOUT = 3.3V, IOUT =
150mA
–40°C ≤ TJ ≤
125°C
120
225
Start-up time
tSTART-UP
VOUT = 3.3V
1100
μs
Current limit
threshold
ILIM
220
320
500
mA
Thermal shutdown
threshold
Temperature rising
150
°C
Thermal shutdown
hysteresis
Temperature rising
15
°C
EN2 input logic high
VIH_EN2
2.2V ≤ VBUS ≤ 5.5V
0.88
1.28
V
EN2 input logic low
VIL_EN2
2.2V ≤ VBUS ≤ 5.5V
0.34
0.76
V
EN2 input leakage
current
ILEAKAGE_EN2
EN2 = 2.3V
–40°C ≤ TJ ≤
125°C
0.1
1
μA
VBUS input voltage
UVLO
VUVLO_BUS
Rising
2.19
V
Falling
1.65
Hysteresis
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com