Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 17Page - Analog Devices LTM4719 Datasheet HTML 18Page - Analog Devices LTM4719 Datasheet HTML 19Page - Analog Devices LTM4719 Datasheet HTML 20Page - Analog Devices LTM4719 Datasheet HTML 21Page - Analog Devices LTM4719 Datasheet HTML 22Page - Analog Devices LTM4719 Datasheet HTML 23Page - Analog Devices LTM4719 Datasheet HTML 24Page - Analog Devices LTM4719 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
21 of 53
Pin Configuration Description
Table 5. LTM4719 Component BGA Pinout (Sorted by Pin Number)
PIN ID
PIN NAME
PIN ID
PIN NAME
PIN ID
PIN NAME
PIN ID
PIN NAME
A1–D8
A1
GND
B1
VALID1
C1
GND
D1
INTVCC
A2
SVIN2
B2
SVIN1
C2
VALID2
D2
EXTVCC
A3
GND
B3
GND
C3
PWM/SYNC
D3
GND
A4
VIN1
B4
VIN1
C4
GND
D4
SW
A5
GND
B5
GND
C5
GND
D5
GND
A6
GND
B6
GND
C6
EN2
D6
GND
A7
VOUT
B7
VOUT
C7
GND
D7
VBUS
A8
NC
B8
FB2
C8
GND
D8
VBUS
E1–H8
E1
VSET1
F1
VREF
G1
FB1
H1
GND
E2
VSET2
F2
PRIORITY
G2
PG
H2
RT
E3
DIODE
F3
EN1
G3
GND
H3
GND
E4
GND
F4
SDA
G4
VIN2
H4
VIN2
E5
GND
F5
SCL
G5
IPK0
H5
VOC
E6
GND
F6
IPK2
G6
IPK1
H6
GND
E7
VINCOK
F7
IRQ
G7
GND
H7
VINC
E8
BAL
F8
DVCC
G8
AVCC
H8
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com