Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 7Page - Analog Devices LTM4719 Datasheet HTML 8Page - Analog Devices LTM4719 Datasheet HTML 9Page - Analog Devices LTM4719 Datasheet HTML 10Page - Analog Devices LTM4719 Datasheet HTML 11Page - Analog Devices LTM4719 Datasheet HTML 12Page - Analog Devices LTM4719 Datasheet HTML 13Page - Analog Devices LTM4719 Datasheet HTML 14Page - Analog Devices LTM4719 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
11 of 53
(TA = 25°C, VIN1 = SVIN1 = 24V, VIN2 = SVIN2 = 12V, VINC = VOC = AVCC = DVCC = 3.6V, VSET1 = VSET2 = GND, VBUS = 2.3V, VOUT =
1.8V, EN2 = VBUS, COUT = 1μF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Zero-scale
temperature
(00000000 code)
–41
°C
Hot die temperature
warning threshold
(die temperature that
causes IRQ = 0)
00000000 code for register bits
H[15:8]
–41
°C
11111111 code for register bits
H[15:8] (default)
159
Cold die temperature
warning threshold
(die temperature that
causes IRQ = 0)
00000000 code for register bits
H[7:0] (default)
–41
°C
11111111 code for register bits
H[7:0]
159
Supercapacitor Balancer
VSCAP (VOC pin)
VSCAP
Supercapacitor
balancer input
range
–40°C ≤ TJ ≤
125°C
2.5
5.5
V
ISCAP (VOC pin)
ISCAP
Supercapacitor balancer quiescent
current, VOC = 5V, IBAL = 0
200
400
nA
Supercapacitor
balancer max source
current
VOC = 5V, VBAL = 2.4V
10
mA
Supercapacitor
balancer max sink
current
VOC = 5V, VBAL = 2.6V
–10
mA
Supercapacitor
balance point (VBAL)
VBAL
Percentage of
VOC voltage
–40°C ≤ TJ ≤
125°C
49
50
51
%
Digital Inputs and Outputs
DVCC voltage range
DVCC
–40°C ≤ TJ ≤ 125°C
1.8
5.5
V
Digital input high
voltage
DVIH
For pins IPK[2:0]
–40°C ≤ TJ ≤
125°C
VINC –
0.5
V
For pins SDA,
SCL
–40°C ≤ TJ ≤
125°C
70
%DVCC
Digital input low
voltage
DVIL
For pins IPK[2:0]
–40°C ≤ TJ ≤
125°C
0.5
V
For pins SDA,
SCL
–40°C ≤ TJ ≤
125°C
30
%DVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com