Electronic Components Datasheet Search
  English  ▼

X  

LTM4719 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4719
Description  42V Dual Input, Low Noise 150mA Step-Down μModule Regulator with I2C Battery Health Monitor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4719 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4719 Datasheet HTML 4Page - Analog Devices LTM4719 Datasheet HTML 5Page - Analog Devices LTM4719 Datasheet HTML 6Page - Analog Devices LTM4719 Datasheet HTML 7Page - Analog Devices LTM4719 Datasheet HTML 8Page - Analog Devices LTM4719 Datasheet HTML 9Page - Analog Devices LTM4719 Datasheet HTML 10Page - Analog Devices LTM4719 Datasheet HTML 11Page - Analog Devices LTM4719 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Data Sheet
LTM4719
analog.com
Rev. 0
8 of 53
(TA = 25°C, VIN1 = SVIN1 = 24V, VIN2 = SVIN2 = 12V, VINC = VOC = AVCC = DVCC = 3.6V, VSET1 = VSET2 = GND, VBUS = 2.3V, VOUT =
1.8V, EN2 = VBUS, COUT = 1μF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Output noise
VRMS(OUT)
10Hz to 100kHz RMS noise,
VBUS = 5V, VOUT = 3.3V
105
μV
10Hz to 100kHz RMS noise,
VBUS = 5V, VOUT = 2.5V
100
10Hz to 100kHz RMS noise,
VBUS= 5V, VOUT = 1.2V
80
Battery Health Monitor Section
Input voltage range
(VINC)
VINC
2
–40°C ≤ TJ ≤
125°C
2.0
5.5
V
AVCC voltage range
VAVCC
–40°C ≤ TJ ≤ 125°C
1.8
5.5
V
Coulomb Counter
Input current into VINC
IINC
VINC – VOC = 50mV
0
nA
VINC – VOC =
175mV (current
source turned
on), 100mA IPEAK
setting
90
100
110
mA
–40°C ≤ TJ ≤
125°C
85
100
115
VINC – VOC =
175mV (current
source turned
on), 75mA IPEAK
setting
67.5
75
82.5
–40°C ≤ TJ ≤
125°C
65
75
85
VINC – VOC =
175mV (current
source turned
on), 50mA IPEAK
setting
45
50
55
–40°C ≤ TJ ≤
125°C
43
50
57
VINC – VOC =
175mV (current
source turned
on), 25mA IPEAK
setting
22.5
25
27.5
–40°C ≤ TJ ≤
125°C
21.5
25
28.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com