Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 2 Page - Texas Instruments

  AFE5803 Datasheet HTML 1Page - Texas Instruments AFE5803 Datasheet HTML 2Page - Texas Instruments AFE5803 Datasheet HTML 3Page - Texas Instruments AFE5803 Datasheet HTML 4Page - Texas Instruments AFE5803 Datasheet HTML 5Page - Texas Instruments AFE5803 Datasheet HTML 6Page - Texas Instruments AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
SPI IN
LNA
0 to -40dB
SPI Logic
LNA IN
PGA
24, 30dB
3
rd LP Filter
10, 15, 20,
30 MHz
AFE5803
(1 of 8 Channels)
14Bit
ADC
LVDS
Reference
Reference
Differential
TGC Vcntl
EXT/INT
REFs
SPI OUT
VCAT
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Figure 1. Block Diagram
PACKAGING/ORDERING INFORMATION(1)
TRANSPORT MEDIA,
PRODUCT
PACKAGE TYPE
OPERATING
ORDERING NUMBER
QUANTITY
AFE5803
ZCF
0
°C to 85°C
AFE5803ZCF
Tray, 160
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
2
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com