Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 5 Page - Texas Instruments

  AFE5803 Datasheet HTML 1Page - Texas Instruments AFE5803 Datasheet HTML 2Page - Texas Instruments AFE5803 Datasheet HTML 3Page - Texas Instruments AFE5803 Datasheet HTML 4Page - Texas Instruments AFE5803 Datasheet HTML 5Page - Texas Instruments AFE5803 Datasheet HTML 6Page - Texas Instruments AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NO.
NAME
R6
DCLKP
LVDS bit clock (7x) positive output
F8, F9, G8, G9,
K7,
DNC
Do not connect. Must leave floated
L5~L7,M5~M8,
N4, N6
N3, N7
DVDD
ADC digital and I/O power supply, 1.8 V
N5, P5, R5
DVSS
ADC digital ground
P4
FCLKM
LVDS frame clock (1X) negative output
R4
FCLKP
LVDS frame clock (1X) positive output
CH1~8 complimentary analog inputs. Bypass to ground with
≥ 0.015 µF capacitors. The HPF response
C9~C2
INM1
…INM8
of the LNA depends on the capacitors.
A9~A2
INP1...INP8
CH1~8 analog inputs. AC couple to inputs with
≥ 0.1µF capacitors.
L8
PDN_ADC
ADC partial (fast) power down control pin with an internal pull down resistor of 100 k
Ω. Active High.
J8
PDN_VCA
VCA partial (fast) power down control pin with an internal pull down resistor of 20 k
Ω. Active High.
Global (complete) power-down control pin for the entire chip with an internal pull down resistor of 20k
Ω.
H8
PDN_GLOBAL
Active High.
0.5 V reference output in the internal reference mode. Must leave floated in the internal reference mode.
L4
REFM
Adding test point on PCB is recommended for monitoring the reference output.
1.5 V reference output in the internal reference mode. Must leave floated in the internal reference mode.
M4
REFP
Adding test point on PCB is recommended for monitoring the reference output.
H9
RESET
Hardware reset pin with an internal pull-down resistor of 20 k
Ω. Active high.
J9
SCLK
Serial interface clock input with an internal pull-down resistor of 2 0k
Ω
K9
SDATA
Serial interface data input with an internal pull-down resistor of 20 k
Ω
M9
SDOUT
Serial interface data readout. High impedance when readout is disabled.
L9
SEN
Serial interface enable with an internal pull up resistor of 20 k
Ω. Active low.
K4
VCNTLM
Negative differential attenuation control pin.
K3
VCNTLP
Positive differential attenuation control pin
K5
VHIGH
Bias voltage; bypass to ground with
≥1µF.
M3
VREF_IN
ADC 1.4 V reference input in the external reference mode; bypass to ground with 0. 1
µF.
F8, F9, G8, G9,
K7, L5~L7,
DNC
Do not connect. Must leave floated
M5~M8, N4,
N6
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com