Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 4Page - Texas Instruments AFE5803 Datasheet HTML 5Page - Texas Instruments AFE5803 Datasheet HTML 6Page - Texas Instruments AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments AFE5803 Datasheet HTML 10Page - Texas Instruments AFE5803 Datasheet HTML 11Page - Texas Instruments AFE5803 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1
µF at INP and bypassed to ground
with 15nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample rate = 65
MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, ADC configured in internal reference mode, single-ended
VCNTL mode, VCNTLM = GND, at ambient temperature TA = 25°C, unless otherwise noted. Min and max values are
specified across full-temperature range with AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
POWER DISSIPATION
AVDD Voltage
3.15
3.3
3.6
V
AVDD_ADC Voltage
1.7
1.8
1.9
V
AVDD_5V Voltage
4.75
5
5.5
V
DVDD Voltage
1.7
1.8
1.9
V
TGC low noise mode, 65 MSPS
158
190
TGC low noise mode, 40 MSPS
145
Total power dissipation per channel
mW/CH
TGC medium power mode, 40 MSPS
114
TGC low power mode, 40 MSPS
101.5
TGC low noise mode, no signal
202
240
TGC medium power mode, no signal
126
TGC low power mode, no signal
99
AVDD (3.3V) Current
mA
TGC low noise mode, 500 mVPP Input,1% duty cycle
210
TGC medium power mode, 500 mVPP Input, 1% duty cycle
133
TGC low power, 500 mVPP Input, 1% duty cycle
105
TGC mode no signal
25.5
35
AVDD_5V Current
mA
TGC mode, 500 mVPP Input,1% duty cycle
16.5
TGC low noise mode, no signal
99
121
TGC medium power mode, no signal
68
TGC low power mode, no signal
55.5
VCA Power dissipation
mW/CH
TGC low noise mode, 500 mVPP input,1% duty cycle
102.5
TGC medium power mode, 500 mVPP Input, 1% duty cycle
71
TGC low power mode, 500 mVPP input,1% duty cycle
59.5
AVDD_ADC(1.8V) Current
65 MSPS
187
205
mA
DVDD(1.8V) Current
65 MSPS
77
110
mA
65 MSPS
59
69
50 MSPS
51
ADC Power dissipation/CH
mW/CH
40 MSPS
46
20 MSPS
35
Power dissipation in power down mode
PDN_VCA = High, PDN_ADC = High
25
mW/CH
Complete power-down PDN_Global=High
0.6
Power-down response time
Time taken to enter power down
1
µs
Power-up response time
VCA power down
2
µs+1% of PDN
time
µs
ADC power down
1
Complete power down
2.5
ms
fin = 5 MHz, at 50 mVpp noise at 1 KHz on supply
(2)
–65
dBc
Power supply modulation ratio, AVDD and
AVDD_5V
fin = 5 MHz, at 50 mVpp noise at 50 KHz on supply
(2)
–65
dBc
Power supply rejection ratio
f = 10 kHz,VCNTL = 0 V (high gain), AVDD
–40
dBc
f = 10 kHz,VCNTL = 0 V(high gain), AVDD_5V
–55
dBc
f = 10 kHz,VCNTL = 1 V (low gain), AVDD
–50
dBc
(2)
PSMR specification is with respect to input signal amplitude.
8
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com