Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 45 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 41Page - Texas Instruments AFE5803 Datasheet HTML 42Page - Texas Instruments AFE5803 Datasheet HTML 43Page - Texas Instruments AFE5803 Datasheet HTML 44Page - Texas Instruments AFE5803 Datasheet HTML 45Page - Texas Instruments AFE5803 Datasheet HTML 46Page - Texas Instruments AFE5803 Datasheet HTML 47Page - Texas Instruments AFE5803 Datasheet HTML 48Page - Texas Instruments AFE5803 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
S0503-01
(a) LVPECL Configuration
(c) Transformer Based Configuration
(d) CMOS Configuration
(b) LVDS Configuration
CMOS CLK
Driver
AFE
CMOS CLK
CMOS
AFE
CLOCKs
CLOCK
SOURCE
50
0.1 F
0.1 F
0.1 F
0.1 F
CDCE72010
AFE
CLOCKs
100
LVDS
0.1 F
0.1 F
CDCM7005
CDCE72010
AFE
CLOCKs
130
LVPECL
0.1 F
0.1 F
83
3.3 V
3.3 V
130
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
Figure 76. Clock Configurations
Special considerations should be applied in such a clock distribution network design. In typical ultrasound
systems, it is preferred that all clocks are generated from a same clock source, such as CW clocks, audio ADC
clocks, RF ADC clock, pulse repetition frequency signal, frame clock and etc. By doing this, interference due to
clock asynchronization can be minimized.
ADC Reference Circuit
The ADC
’s voltage reference can be generated internally or provided externally. When the internal reference
mode is selected, the REFP/M becomes output pins and should be floated. When 3[15] =1 and 1[13]=1, the
device is configured to operate in the external reference mode in which the VREF_IN pin should be driven with a
1.4V reference voltage and REFP/M must be left open. Since the input impedance of the VREF_IN is high, no
special drive capability is required for the 1.4V voltage reference
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com