Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 9Page - Texas Instruments AFE5803 Datasheet HTML 10Page - Texas Instruments AFE5803 Datasheet HTML 11Page - Texas Instruments AFE5803 Datasheet HTML 12Page - Texas Instruments AFE5803 Datasheet HTML 13Page - Texas Instruments AFE5803 Datasheet HTML 14Page - Texas Instruments AFE5803 Datasheet HTML 15Page - Texas Instruments AFE5803 Datasheet HTML 16Page - Texas Instruments AFE5803 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.1
0.2
0.3
0.4
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
30
50
70
90
110
130
150
170
190
210
220
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
40
60
80
100
120
140
160
180
200
220
240
260
280
300
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0
Frequency (MHz)
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
1.0
3.0
5.0
7.0
9.0
11.0 12.0
Frequency (MHz)
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS (continued)
Figure 20. IRN, PGA = 24 dB and Low Power Mode
Figure 21. ORN, PGA = 24 dB and Low Noise Mode
Figure 22. ORN, PGA = 24 dB and Medium Power Mode
Figure 23. ORN, PGA = 24 dB and Low Power Mode
Figure 24. IRN, PGA = 24 dB and Low Noise Mode
Figure 25. ORN, PGA = 24 dB and Low Noise Mode
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com