Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 41 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 37Page - Texas Instruments AFE5803 Datasheet HTML 38Page - Texas Instruments AFE5803 Datasheet HTML 39Page - Texas Instruments AFE5803 Datasheet HTML 40Page - Texas Instruments AFE5803 Datasheet HTML 41Page - Texas Instruments AFE5803 Datasheet HTML 42Page - Texas Instruments AFE5803 Datasheet HTML 43Page - Texas Instruments AFE5803 Datasheet HTML 44Page - Texas Instruments AFE5803 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
S0500-01
AFE
LNAx
ACTx
INPx
INMx
Input
4500
3600
1800
900
450
IN
LNA
R
Z
A
1
2
=
n
+
f
IN
IN
IN
LNA
R
Z
/ /C
/ /R
A
1
2
=
n
+
f
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
Under the no termination configuration, the input impedance of the AFE5803 is about 6 K
Ω (8 K//20 pF) at 1
MHz. Passive termination requires external termination resistor Rt, which contributes to additional thermal noise.
The LNA supports active termination with programmable values, as shown in Figure 73 .
Figure 73. Active Termination Implementation
The AFE5803 has four pre-settings 50,100, 200 and 400
Ω which are configurable through the registers. Other
termination values can be realized by setting the termination switches shown in Figure 73. Register [52] is used
to enable these switches. The input impedance of the LNA under the active termination configuration
approximately follows:
(3)
Table 5 lists the LNA RINs under different LNA gains. System designers can achieve fine tuning for different
probes.
The equivalent input impedance is given by Equation 4 where RIN (8 K) and CIN (20 pF) are the input resistance
and capacitance of the LNA.
(4)
Therefore the ZIN is frequency dependent and it decreases as frequency increases shown in Figure 10. Since 2
MHz~10 MHz is the most commonly used frequency range in medical ultrasound, this rolling-off effect doesn
’t
impact system performance greatly. Since each ultrasound system includes multiple transducers with different
impedances, the flexibility of impedance configuration is a great plus.
Figure 29, Figure 30, and Figure 31 shows the NF under different termination configurations. It indicates that no
termination achieves the best noise figure; active termination adds less noise than passive termination. Thus
termination topology should be carefully selected based on each use scenario in ultrasound.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com