Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 12 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments AFE5803 Datasheet HTML 10Page - Texas Instruments AFE5803 Datasheet HTML 11Page - Texas Instruments AFE5803 Datasheet HTML 12Page - Texas Instruments AFE5803 Datasheet HTML 13Page - Texas Instruments AFE5803 Datasheet HTML 14Page - Texas Instruments AFE5803 Datasheet HTML 15Page - Texas Instruments AFE5803 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
0
10
20
30
40
50
60
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
−40
−35
−30
−25
−20
−15
−10
−5
0
5
10
100
500
HPF CHARECTERISTICS (LNA+VCA+PGA+ADC)
Frequency (KHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.1
0.2
0.3
0.4
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
0
10
20
30
40
50
60
70
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.1
0.2
0.3
0.4
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
0
10
20
30
40
50
60
70
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
LNA 12 dB
LNA 18 dB
LNA 24 dB
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 14. Full Channel High-Pass Filter Response at
Figure 15. IRN, PGA = 24 dB and Low Noise Mode
Default Register Setting
Figure 16. IRN, PGA = 24 dB and Low Noise Mode
Figure 17. IRN, PGA = 24 dB and Medium Power Mode
Figure 18. IRN, PGA = 24 dB and Medium Power Mode
Figure 19. IRN, PGA = 24 dB and Low Power Mode
12
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com