Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 2Page - Texas Instruments AFE5803 Datasheet HTML 3Page - Texas Instruments AFE5803 Datasheet HTML 4Page - Texas Instruments AFE5803 Datasheet HTML 5Page - Texas Instruments AFE5803 Datasheet HTML 6Page - Texas Instruments AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments AFE5803 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
u
8CH_SNR
-
10
N
10
1
1
C
=
x
-
1CH_SNR
N + N
56
7
-
C
10
10
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1
µF at INP and bypassed to ground
with 15nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample rate = 65
MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, ADC configured in internal reference mode, single-ended
VCNTL mode, VCNTLM = GND, at ambient temperature TA = 25°C, unless otherwise noted. Min and max values are
specified across full-temperature range with AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
TGC FULL SIGNAL CHANNEL (LNA+VCAT+LPF+ADC)
Rs = 0
Ω, f = 2 MHz, LNA =24/18/12 dB, PGA = 2 4dB
0.76/0.83/1.16
Input voltage noise over LNA Gain(low
nV/rtHz
noise mode)
Rs = 0
Ω, f = 2 MHz,LNA =24/18/12 dB, PGA = 30 dB
0.75/0.86/1.12
Rs = 0
Ω, f = 2 MHz,LNA =24/18/12 dB, PGA = 24 dB
1.1/1.2/1.45
Input voltage noise over LNA Gain(low
en (RTI)
nV/rtHz
power mode)
Rs = 0
Ω, f = 2 MHz, LNA =24/18/12 dB, PGA = 30 dB
1.1/1.2/1.45
Rs = 0
Ω, f = 2 MHz,LNA = 24/18/12 dB, PGA = 24 dB
1/1.05/1.25
Input Voltage Noise over LNA
nV/rtHz
Gain(Medium Power Mode)
Rs = 0
Ω, f = 2 MHz, LNA = 24/18/12 dB, PGA = 30 dB
0.95/1.0/1.2
Input referred current noise
Low Noise Mode/Medium Power Mode/Low Power Mode
2.7/2.1/2
pA/rtHz
Rs = 200
Ω, 200 Ω active termination, PGA = 24dB,LNA = 12/18/24 dB
3.85/2.4/1.8
dB
NF
Noise figure
Rs = 100
Ω, 100 Ω active termination, PGA = 24dB,LNA = 12/18/24 dB
5.3/3.1/2.3
dB
VMAX
Maximum Linear Input Voltage
LNA gain = 24/18/12 dB
250/500/1000
mVPP
VCLAMP
Clamp Voltage
Reg52[10:9] = 0, LNA = 24/18/12 dB
350/600/1150
Low noise mode
24/30
PGA Gain
dB
Medium/Low power mode
24/28.5
LNA = 24 dB, PGA = 30 dB, Low noise mode
54
Total gain
LNA = 2 4dB, PGA = 30 dB, Med power mode
52.5
dB
LNA = 24 dB, PGA = 30 dB, Low power mode
52.5
Ch-CH Noise Correlation Factor without
Summing of 8 channels
0
Signal
(1)
Full band (VCNTL = 0/0.8)
0.15/0.17
Ch-CH Noise Correlation Factor with
Signal
(1)
1MHz band over carrier (VCNTL= 0/0.8)
0.18/0.75
VCNTL = 0.6V(22 dB total channel gain)
68
70
Signal to Noise Ratio (SNR)
VCNTL = 0, LNA = 18 dB, PGA =24 dB
59.3
63
dBFS
VCNTL = 0, LNA = 24 dB, PGA = 24 dB
58
SNR over 2 MHz band around carrier at VCNTL = 0.6 V ( 22 dB total
Narrow Band SNR
75
77
dBFS
gain)
Input Common-mode Voltage
At INP and INM pins
2.4
V
8
k
Ω
Input resistance
Preset active termination enabled
50/100/200/400
Ω
Input capacitance
20
pF
Input Control Voltage
VCNTLP - VCNTLM
0
1.5
V
Common-mode voltage
VCNTLP and VCNTLM
0.75
V
Gain Range
-40
dB
Gain Slope
VCNTL= 0.1 V to 1.1 V
35
dB/V
Input Resistance
Between VCNTLP and VCNTLM
200
K
Ω
Input Capacitance
Between VCNTLP and VCNTLM
1
pF
TGC Response Time
VCNT L= 0 V to 1.5 V step function
1.5
µs
3rd order-Low-pass Filter
10, 15, 20, 30
MHz
Settling time for change in LNA gain
14
µs
Settling time for change in active
1
µs
termination setting
(1)
Noise correlation factor is defined as Nc/(Nu+Nc), where Nc is the correlated noise power in single channel; and Nu is the uncorrelated
noise power in single channel. Its measurement follows the below equation, in which the SNR of single channel signal and the SNR of
summed eight channel signal are measured.
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com