Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 1 Page - Texas Instruments

  AFE5803 Datasheet HTML 1Page - Texas Instruments AFE5803 Datasheet HTML 2Page - Texas Instruments AFE5803 Datasheet HTML 3Page - Texas Instruments AFE5803 Datasheet HTML 4Page - Texas Instruments AFE5803 Datasheet HTML 5Page - Texas Instruments AFE5803 Datasheet HTML 6Page - Texas Instruments AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
Fully Integrated, 8-Channel Ultrasound Analog Front End,
0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
Check for Samples: AFE5803
1
FEATURES
DESCRIPTION
The AFE5803 is a highly integrated Analog Front-End
•
8-Channel Complete Analog Front-End
(AFE) solution specifically designed for ultrasound
– LNA, VCAT, PGA, LPF, ADC
systems in which high performance and small size
•
Programmable Gain Low-Noise Amplifier
are required. The AFE5803 integrates a complete
(LNA)
time-gain-control (TGC) imaging path. It also enables
users
to
select
one
of
various
power/noise
– 24/18/12 dB Gain
combinations
to
optimize
system
performance.
– 0.25/0.5/1 VPP Linear Input Range
Therefore, the AFE5803 is a suitable ultrasound
– 0.63/0.7/0.9 nV/rtHz Input Referred Noise
analog front end solution for portable systems.
– Programmable Active Termination
The AFE5803 contains eight channels of voltage
•
40 dB Low Noise Voltage Controlled
controlled amplifier (VCA), 14/12-bit Analog-to-Digital
Converter (ADC). The VCA includes Low noise
Attenuator (VCAT)
Amplifier
(LNA),
Voltage
controlled
Attenuator
•
24/30 dB Programmable Gain Amplifier (PGA)
(VCAT), Programmable Gain Amplifier (PGA), and
•
3rd Order Linear Phase Low-Pass Filter (LPF)
Low-Pass
Filter
(LPF).
The
LNA
gain
is
– 10, 15, 20, 30 MHz
programmable to support 250 mVPP to 1 VPP input
signals. Programmable active termination is also
•
14-bit Analog to Digital Converter (ADC)
supported by the LNA. The ultra-low noise VCAT
– 77 dBFS SNR at 65 MSPS
provides an attenuation control range of 40 dB and
– LVDS Outputs
improves overall low gain SNR which benefits
harmonic imaging and near field imaging. The PGA
•
Noise/Power Optimizations (Full Chain)
provides gain options of 24 dB and 30 dB. Before the
– 158 mW/CH at 0.75 nV/rtHz, 65 MSPS
ADC, a LPF can be configured as 10 MHz, 15 MHz,
– 101 mW/CH at 1.1 nV/rtHz, 40 MSPS
20 MHz or 30 MHz to support ultrasound applications
with different frequencies. The high-performance
•
Excellent Device-to-Device Gain Matching
14bit/65 MSPS ADC in the AFE5803 achieves
– ±0.5 dB (Typical) and ±0.9 dB (Max)
77dBFS SNR. It ensures excellent SNR at low chain
•
Low Harmonic Distortion
gain. The ADC
’s LVDS outputs enable flexible system
integration desired for miniaturized systems.
•
Fast and Consistent Overload Recovery
•
Small Package: 15 mm x 9 mm, 135-BGA
The AFE5803 is available in a 15mm
× 9mm, 135-pin
BGA package and it is specified for operation from
0
°C to 85°C. It is also pin-to-pin compatible to the
APPLICATIONS
AFE5807, AFE5808 and AFE5808A.
•
Medical Ultrasound Imaging
•
Nondestructive Evaluation Equipments
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE5803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI1-AFE5803 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5803 TI2-AFE5803 Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5803 TI2-AFE5803 Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5803 TI2-AFE5803 Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
More results

Similar Description - AFE5803

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
AFE5808A TI1-AFE5808A Datasheet
1Mb / 66P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com