Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 34 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 30Page - Texas Instruments AFE5803 Datasheet HTML 31Page - Texas Instruments AFE5803 Datasheet HTML 32Page - Texas Instruments AFE5803 Datasheet HTML 33Page - Texas Instruments AFE5803 Datasheet HTML 34Page - Texas Instruments AFE5803 Datasheet HTML 35Page - Texas Instruments AFE5803 Datasheet HTML 36Page - Texas Instruments AFE5803 Datasheet HTML 37Page - Texas Instruments AFE5803 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
R
S
Control
Input
Q
1
V
B
Q
2
Q
3
C
1
V1
Q
4
Q
5
Q
6
Q
7
C
2
V2
C
3
V3
C
4
V4
C
5
V5
C
6
V6
C
7
V7
A1
VCNTL
A1
A1
A1
A1
A1
A1
Attenuator
Output
C - C Clipping Amplifiers
1
8
A1 - A7 Attenuator Stages
Attenuator
Input
R
S
Q
1
V
B
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
VHIGH
Attenuator
Output
Attenuator
Input
SW1
SW2
SW3
SW4
SW5
SW6
SW7
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
Figure 63. Simplified Voltage Controlled Attenuator (Analog Structure)
Figure 64. Simplified Voltage Controlled Attenuator (Digital Structure)
The voltage controlled attenuator
’s noise follows a monotonic relationship to the attenuation coefficient. At higher
attenuation, the input-referred noise is higher and vice-versa. The attenuator
’s noise is then amplified by the PGA
and becomes the noise floor at ADC input. In the attenuator
’s high attenuation operating range, i.e. VCNTL is
high, the attenuator
’s input noise may exceed the LNA’s output noise; the attenuator then becomes the dominant
noise source for the following PGA stage and ADC. Therefore the attenuator
’s noise should be minimized
compared to the LNA output noise. The AFE5803
’s attenuator is designed for achieving low noise even at high
attenuation (low channel gain) and realizing better SNR in near field. The input referred noise for different
attenuations is listed in the below table:
Table 8. Voltage-Controlled-Attenuator noise vs Attenuation
Attenuation (dB)
Attenuator Input Referred noise (nV/rtHz)
–40
10.5
–36
10
–30
9
–24
8.5
–18
6
–12
4
–6
3
0
2
PROGRAMMABLE GAIN AMPLIFIER (PGA)
After the voltage controlled attenuator, a programmable gain amplifier can be configured as 24dB or 30dB with a
constant input referred noise of 1.75 nV/rtHz. The PGA structure consists of a differential voltage-to-current
converter with programmable gain, current clamp( bias control) circuits, a transimpedance amplifier with a
programmable low-pass filter, and a DC offset correction circuit. Its simplified block diagram is shown below:
34
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com