Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 7Page - Texas Instruments AFE5803 Datasheet HTML 8Page - Texas Instruments AFE5803 Datasheet HTML 9Page - Texas Instruments AFE5803 Datasheet HTML 10Page - Texas Instruments AFE5803 Datasheet HTML 11Page - Texas Instruments AFE5803 Datasheet HTML 12Page - Texas Instruments AFE5803 Datasheet HTML 13Page - Texas Instruments AFE5803 Datasheet HTML 14Page - Texas Instruments AFE5803 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
2000
4000
6000
8000
10000
12000
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Magnitude Response
Frequency (Hz)
Open
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Phase Response
Frequency (Hz)
Open
0
50
100
150
200
250
300
350
400
450
500
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Magnitude Response
Frequency (Hz)
50 Ohms
100 Ohms
200 Ohms
400 Ohms
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Phase Response
Frequency (Hz)
50 Ohms
100 Ohms
200 Ohms
400 Ohms
−30
−25
−20
−15
−10
−5
0
5
0
10
20
30
40
50
60
Frequency (MHz)
10MHz
15MHz
20MHz
30MHz
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
10
100
500
LNA INPUT HPF CHARECTERISTICS
Frequency (KHz)
01
00
11
10
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS (continued)
Figure 8. Input Impedance without Active Termination
Figure 9. Input Impedance without Active Termination
(Magnitude)
(Phase)
Figure 10. Input Impedance with Active Termination
Figure 11. Input Impedance with Active Termination
(Magnitude)
(Phase)
Figure 12. Low-Pass Filter Response
Figure 13. LNA High-Pass Filter Response vs. Reg59[3:2]
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com